Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2418EB Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF2418EB
Description  20V Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2418EB Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF2418EB_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2418EB_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2418EB_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2418EB_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.2
SSF2418EB
20V Dual N-Channel MOSFET
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±10
uA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
1
V
VGS=4.5V, ID=6A
18
21
VGS=4.0V, ID=5.5A
19
22
VGS=3.1V, ID=5A
21
26
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=4A
25
30
Forward Transconductance
gFS
VDS=5V,ID=6A
7
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
650
PF
Output Capacitance
Coss
170
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
150
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
20
nS
Turn-on Rise Time
tr
50
nS
Turn-Off Delay Time
td(off)
64
nS
Turn-Off Fall Time
tf
VDD=10V,ID=1A
VGS=4.5V,RGEN=10Ω
40
nS
Total Gate Charge
Qg
8
nC
Gate-Source Charge
Qgs
1.5
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=6A,
VGS=4.5V
2
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1A
0.76
1.1
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - SSF2418EB_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EBK GOOD-ARK-SSF2418EBK Datasheet
514Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418EBK GOOD-ARK-SSF2418EBK_15 Datasheet
514Kb / 4P
   20V Dual N-Channel MOSFET
More results

Similar Description - SSF2418EB_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
   20V Dual N-Channel MOSFET
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com