Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2305 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF2305
Description  20V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2305 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF2305_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2305_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2305_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2305_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2305_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2305_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.goodark.com
Page 2 of 6
Rev.1.0
SSF2305
20V P-Channel MOSFET
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.5
-1
V
VGS=-4.5V, ID=-3A
62
89
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2A
88
114
Forward Transconductance
gFS
VDS=-5V,ID=-3A
7
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
1160
PF
Output Capacitance
Coss
210
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
125
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
13.6
27.2
nS
Turn-on Rise Time
tr
8.6
17.2
nS
Turn-Off Delay Time
td(off)
73.6
147.2
nS
Turn-Off Fall Time
tf
VDD=-10V,ID=-3A
VGS=-4.5V,RGEN=3Ω
34.6
69.2
nS
Total Gate Charge
Qg
9.6
12.7
nC
Gate-Source Charge
Qgs
1.1
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-3A,VGS=-4.5V
2.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-1.2
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in
2 FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - SSF2305_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2305 SILIKRON-SSF2305 Datasheet
329Kb / 7P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF2305 GOOD-ARK-SSF2305 Datasheet
665Kb / 6P
   20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF2305 VBSEMI-SSF2305 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SSF2305_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com