Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2302 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF2302
Description  20V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2302 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF2302_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2302_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2302_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2302_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2302_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2302_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.goodark.com
Page 3 of 6
Rev.2.0
SSF2302
20V N-Channel MOSFET
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Figure 3 Power Dissipation
TJ-Junction Temperature(℃)
Vds Drain-Source Voltage (V)
Figure 5 Output CHARACTERISTICS
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1:Switching Test Circuit
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Figure 4 Drain Current
TJ-Junction Temperature(℃)
Figure 6 Drain-Source On-Resistance
ID- Drain Current (A)


Similar Part No. - SSF2302_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
   Battery protection
logo
GOOD-ARK Electronics
SSF2302 GOOD-ARK-SSF2302 Datasheet
447Kb / 6P
   20V N-Channel MOSFET
More results

Similar Description - SSF2302_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com