Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM73307 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SM73307
Description  Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM73307 Datasheet(HTML) 4 Page - Texas Instruments

  SM73307 Datasheet HTML 1Page - Texas Instruments SM73307 Datasheet HTML 2Page - Texas Instruments SM73307 Datasheet HTML 3Page - Texas Instruments SM73307 Datasheet HTML 4Page - Texas Instruments SM73307 Datasheet HTML 5Page - Texas Instruments SM73307 Datasheet HTML 6Page - Texas Instruments SM73307 Datasheet HTML 7Page - Texas Instruments SM73307 Datasheet HTML 8Page - Texas Instruments SM73307 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SM73307
SNOSB88B – JUNE 2011 – REVISED APRIL 2013
www.ti.com
5V Electrical Characteristics
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
±150
−20°C ≤ TA ≤ 85°C
±10
±300
VOS
Input Offset Voltage
μV
±150
−40°C ≤ TA ≤ 125°C
±10
±400
Input Offset Voltage Temperature
TC VOS
–1.75
±4
μV/°C
Drift(3)(4)
1
−40°C ≤ TA ≤ 85°C
0.1
25
IB
Input Bias Current
VCM = 2.0V
(5) (4)
pA
1
−40°C ≤ TA ≤ 125°C
0.1
100
0.5
IOS
Input Offset Current
VCM = 2.0V
(4)
0.01
pA
50
85
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 3.7V
100
dB
82
2.0V
≤ V+ ≤ 5.5V
85
100
V= 0V, VCM = 0
80
PSRR
Power Supply Rejection Ratio
dB
1.8V
≤ V+ ≤ 5.5V
85
98
V= 0V, VCM = 0
CMRR
≥ 80 dB
−0.3
4
CMVR
Common Mode Voltage Range
V
CMRR
≥ 78 dB
–0.3
4
VO = 0.3 to 4.7V
84
90
RL = 2 kΩ to V
+/2
80
AVOL
Open Loop Voltage Gain
dB
VO = 0.3 to 4.7V
90
95
RL = 10 kΩ to V
+/2
86
70
RL = 2 kΩ to V
+/2
32
77
Output Voltage Swing
High
60
RL = 10 kΩ to V
+/2
22
66
mV from
VOUT
either rail
75
RL = 2 kΩ to V
+/2
45
78
Output Voltage Swing
Low
60
RL = 10 kΩ to V
+/2
20
62
Sourcing to V
46
66
VIN = 200 mV
(6)
38
IOUT
Output Current
mA
Sinking to V+
10.5
23
VIN = −200 mV
(6)
6.5
1.70
IS
Supply Current
(per channel)
1.30
mA
2.05
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
(6)
The short circuit test is a momentary open loop test.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM73307


Similar Part No. - SM73307

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MM TI1-SM73307MM Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MME TI1-SM73307MME Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307MMX TI1-SM73307MMX Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
More results

Similar Description - SM73307

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Texas Instruments
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
[Old version datasheet]   Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com