Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F17C8A Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC87F17C8A
Description  LC87F17C8A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F17C8A Datasheet(HTML) 1 Page - ON Semiconductor

  LC87F17C8A Datasheet HTML 1Page - ON Semiconductor LC87F17C8A Datasheet HTML 2Page - ON Semiconductor LC87F17C8A Datasheet HTML 3Page - ON Semiconductor LC87F17C8A Datasheet HTML 4Page - ON Semiconductor LC87F17C8A Datasheet HTML 5Page - ON Semiconductor LC87F17C8A Datasheet HTML 6Page - ON Semiconductor LC87F17C8A Datasheet HTML 7Page - ON Semiconductor LC87F17C8A Datasheet HTML 8Page - ON Semiconductor LC87F17C8A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Publication Order Number :
LC87F17C8A/D
©
Semiconductor Components Industries, LLC, 2014
November 2014 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 36 of this data sheet.
www.onsemi.com
LC87F17C8A
Feature
 USB 2.0 Full Speed Host/Device Controller  2 ports
 Digital Audio Interface
 Infrared Remote Control Receiver
 12-bit ADC  12 channels
 USB Voltage Regulator Integrated
 Power-ON Reset/Low-Voltage Detect Reset
Function Descriptions
1) Ports
- I/O ports
31
- USB ports
4 (UAD+, UAD–, UBD+, UBD–)
- Power supply pins 6 (VSS1 to 3, VDD1 to 3)
2) Timers
 7 channels
- Timer 0 : 16-bit timer/counter with 2 capture registers.
- Timer 1 : 16-bit timer/counter that supports PWM/toggle output
- Timer 4 : 8-bit timer with a 6-bit prescaler
- Timer 5 : 8-bit timer with a 6-bit prescaler
- Timer 6 : 8-bit timer with a 6-bit prescaler (with toggle outputs)
- Timer 7 : 8-bit timer with a 6-bit prescaler (with toggle outputs)
- Base timer for Watch (32.768kHz crystal oscillation)
3) SIO
 5 channels
- SIO0 : Synchronous serial interface
Automatic continuous data transmission
- SIO1 : 8-bit asynchronous/synchronous serial interface
- SIO4 : CRC16 calculator circuit built in
- SMIIC0 : Single-master I2C/8-bit synchronous SIO
- SMIIC1 : Single-master I2C/8-bit synchronous SIO
4) Full Duplex UART
- SCUART2 : 8-level receive FIFO buffer
5) PWM: Variable frequency 12-bit PWM
 2 channels
6) USB Controller
- Host
: Supports Full-Speed and Low-Speed
- Device : Supports up to 9 endpoints. Full-Speed.
7) Digital Audio Interface
- fs : 8kHz/11.025kHz/12kHz/16kHz/22.05kHz/24kHz/32kHz/44.1kHz/48kHz/96kHz
- Left justified/right justified/ I2S format selectable
8) Infrared Remote Controller Receiver
- Supports data encoding systems such as PPM and Manchester encoding.
Application
 iPod/iPhone Docking Station
* iPod and iPhone are trademarks of Apple Inc., registered in the U.S. and other countries.
CMOS LSI
8-bit Microcontroller with
USB Full-Speed Host/Device Controller
128K-byte Flash ROM / 8192-byte RAM / 48-pin
Pin Assignment
(Top view)
UAD-
UAD+
VDD3
VSS3
UFILT
AFILT
P32/INT5
P31/SCRX/INT5
P30/SCTX/INT5
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
24
23
22
21
20
19
18
17
16
15
14
13
P03/AN3/BCLK_IN
P02/AN2/SDAT_IN
P01/AN1
P00/AN0/SDATI
VSS2
VDD2
PWM0/MCLKO
PWM1/MCLKI
P17/T1PWMH/BUZ/SM0CK
P16/T1PWML/SM0DA
P15/SCK1/SM0DO/SM1DO
P14/SI1/SB1/SM1DA
37
38
39
40
41
42
43
44
45
46
47
48
LC87F17C8A
* This product is licensed from Silicon Storage Technology, Inc. (USA).
SQFP48(7X7)


Similar Part No. - LC87F17C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com