Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25U40PCMC-AH-1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LE25U40PCMC-AH-1
Description  Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25U40PCMC-AH-1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LE25U40PCMC-AH-1 Datasheet HTML 5Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 6Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 7Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 8Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 9Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 10Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 11Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 12Page - ON Semiconductor LE25U40PCMC-AH-1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LE25U40PCMC
www.onsemi.com
9
3-2. Status register write
The information in status registers BP0, BP1, BP2, TB and SRWP can be rewritten using the status register write
command. RDY, WEN and bit 6 are read-only bits and cannot be rewritten. The information in bits BP0, BP1, BP2,
TB and SRWP is stored in the non-volatile memory, and when it is written in these bits, the contents are retained even
at power-down. "Figure 6 Status Register Write" shows the timing waveforms of status register write, and Figure 20
shows a status register write flowchart. Consisting of the first and second bus cycles, the status register write
command initiates the internal write operation at the rising CS edge after the data has been input following (01h).
Erase and program are performed automatically inside the device by status register write so that erasing or other
processing is unnecessary before executing the command. By the operation of this command, the information in bits
BP0, BP1, BP2, TB and SRWP can be rewritten. Since bits RDY (bit 0), WEN (bit 1) and bit 6 of the status register
cannot be written, no problem will arise if an attempt is made to set them to any value when rewriting the status
register. Status register write ends can be detected by RDY of status register read. To initiate status register write, the
logic level of the WP pin must be set high and status register WEN must be set to "1".
Figure 6 Status Register Write
3-3. Contents of each status register
RDY (Bit 0)
The RDY register is for detecting the write (program, erase and status register write) end. When it is "1", the device is
in a busy state, and when it is "0", it means that write is completed.
WEN (bit 1)
The WEN register is for detecting whether the device can perform write operations. If it is set to "0", the device will
not perform the write operation even if the write command is input. If it is set to "1", the device can perform write
operations in any area that is not block-protected.
WEN can be controlled using the write enable and write disable commands. By inputting the write enable command
(06h), WEN can be set to "1"; by inputting the write disable command (04h), it can be set to "0." In the following
states, WEN is automatically set to "0" in order to protect against unintentional writing.
 At power-on
 Upon completion of small sector erase, sector erase or chip erase
 Upon completion of page program
 Upon completion of status register write
* If a write operation has not been performed inside the LE25U40PCMC because, for instance, the command input for
any of the write operations (small sector erase, sector erase, chip erase, page program, or status register write) has
failed or a write operation has been performed for a protected address, WEN will retain the status established prior
to the issue of the command concerned. Furthermore, its state will not be changed by a read operation.
tSRW
Self-timed
Write Cycle
SCK
SI
High Impedance
SO
CS
DATA
01h
15
0
1
2
3
4
5
6
7
8
Mode3
Mode0
8CLK
WP
tWPH
tWPS
MSB


Similar Part No. - LE25U40PCMC-AH-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25U40PCMC-AH-1 ONSEMI-LE25U40PCMC-AH-1 Datasheet
218Kb / 23P
   Serial Flash Memory 4 Mb
February 2017 - Rev. 0
More results

Similar Description - LE25U40PCMC-AH-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com