Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC597ADTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC597ADTR2G
Description  8-Bit Serial or Parallel- Input/Serial-Output Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC597ADTR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC597ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 8Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 9Page - ON Semiconductor MC74HC597ADTR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74HC597A
http://onsemi.com
6
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
tsu
Minimum Setup Time, Parallel Data inputs A−H to Latch Clock
(Figure 7)
2.0
3.0
4.5
6.0
70
40
15
13
80
45
19
16
90
50
24
20
ns
tsu
Minimum Setup Time, Serial Data Input SA to Shift Clock
(Figure 8)
2.0
3.0
4.5
6.0
70
40
15
13
80
45
19
16
90
50
24
20
ns
tsu
Minimum Setup Time, Serial Shift/Parallel Load to Shift Clock
(Figure 9)
2.0
3.0
4.5
6.0
70
40
15
13
80
45
19
16
90
50
24
20
ns
th
Minimum Hold Time, Latch Clock to Parallel Data Inputs A−H
(Figure 7)
2.0
3.0
4.5
6.0
15
10
2
2
20
15
3
3
30
25
5
4
ns
th
Minimum Hold Time, Shift Clock to Serial Data Input SA
(Figure 8)
2.0
3.0
4.5
6.0
2
2
2
2
2
2
2
2
2
2
2
2
ns
trec
Minimum Recovery Time, Reset Inactive to Shift Clock
(Figure 5)
2.0
3.0
4.5
6.0
70
40
15
13
80
45
19
16
90
50
24
20
ns
tw
Minimum Pulse Width, Latch Clock and Shift Clock
(Figures 3 and 4)
2.0
3.0
4.5
6.0
60
35
12
10
70
40
15
13
80
45
19
16
ns
tw
Minimum Pulse Width, Reset
(Figure 5)
2.0
3.0
4.5
6.0
60
35
12
10
70
40
15
13
80
45
19
16
ns
tw
Minimum Pulse Width, Serial Shift/Parallel Load
(Figure 6)
2.0
3.0
4.5
6.0
60
35
12
10
70
40
15
13
80
45
19
16
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 3)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC597ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595 ONSEMI-MC74HC595 Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595A ONSEMI-MC74HC595A Datasheet
124Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
MC74HC595A ONSEMI-MC74HC595A Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
More results

Similar Description - MC74HC597ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A_16 Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com