Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT4094A Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74HCT4094A
Description  8-Bit Shift and Store Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4094A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74HCT4094A Datasheet HTML 3Page - ON Semiconductor MC74HCT4094A Datasheet HTML 4Page - ON Semiconductor MC74HCT4094A Datasheet HTML 5Page - ON Semiconductor MC74HCT4094A Datasheet HTML 6Page - ON Semiconductor MC74HCT4094A Datasheet HTML 7Page - ON Semiconductor MC74HCT4094A Datasheet HTML 8Page - ON Semiconductor MC74HCT4094A Datasheet HTML 9Page - ON Semiconductor MC74HCT4094A Datasheet HTML 10Page - ON Semiconductor MC74HCT4094A Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC74HCT4094A
http://onsemi.com
7
AC CHARACTERISTICS (tf = tr = 6 ns, CL = 50 pF)
Symbol
Parameter
Test Conditions
VCC (V)
Guaranteed Limits
Unit
−555C to 255C
≤ 855C
≤ 1255C
tPHL, tPLH Maximum Propagation Delay
CP to QS1
Figure 7
4.5
30
38
45
ns
tPHL, tPLH Maximum Propagation Delay
CP to QS2
Figure 7
4.5
27
34
41
ns
tPHL, tPLH Maximum Propagation Delay
CP to QPn
Figure 7
4.5
39
49
59
ns
tPHL, tPLH Maximum Propagation Delay
STR to QPn
Figure 8
4.5
36
45
54
ns
tPZH, tPZL Maximum 3−State Output Enable Time
OE to QPn
Figure 9
4.5
35
44
53
ns
tPHZ, tPLZ Maximum 3−State Output Enable Time
OE to QPn
Figure 9
4.5
25
31
38
ns
tTHL, tTLH Maximum Output Transition Time
Figure 7
4.5
18
22
25
ns
tW
Minimum Clock Pulse Width
High or Low
Figure 7
4.5
16
20
24
ns
tW
Minimum Strobe Pulse Width
High
Figure 8
4.5
16
20
24
ns
tSU
Minimum Set−up Time
D to CP
Figure 10
4.5
10
13
15
ns
tSU
Minimum Set−up Time
CP to STR
Figure 8
4.5
20
25
30
ns
th
Minimum Hold Time
D to CP
Figure 10
4.5
3
3
3
ns
th
Minimum Hold Time
CP to STR
Figure 8
4.5
0
0
0
ns
fMAX
Minimum Clock Pulse Frequency
Figure 7
4.5
30
24
20
MHz
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Output Capacitance
15
15
15
pF
CPD
Power Dissipation Capacitance (Note 2)
140
140
140
pF
2. CPD is defined as the value of the IC’s equivalent capacitance from which the operating current can be calculated from:
ICC(operating) ≈ CPD x VCC x fIN x NSW where NSW = total number of outputs switching and fIN = switching frequency.


Similar Part No. - MC74HCT4094A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4051ADG ONSEMI-MC74HCT4051ADG Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT4051ADG ONSEMI-MC74HCT4051ADG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4051ADR2G ONSEMI-MC74HCT4051ADR2G Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT4094A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Rohm
BU4094BC ROHM-BU4094BC Datasheet
88Kb / 5P
   8-bit compatible shift / store register
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
   8-stage shift-and-store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com