Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10166FN Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10166FN
Description  5?묪it Magnitude Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10166FN Datasheet(HTML) 3 Page - ON Semiconductor

  MC10166FN Datasheet HTML 1Page - ON Semiconductor MC10166FN Datasheet HTML 2Page - ON Semiconductor MC10166FN Datasheet HTML 3Page - ON Semiconductor MC10166FN Datasheet HTML 4Page - ON Semiconductor MC10166FN Datasheet HTML 5Page - ON Semiconductor MC10166FN Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10166
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
−30°C
−0.890
−1.890
−1.205
−1.500
−5.2
+25°C
−0.810
−1.850
−1.105
−1.475
−5.2
+85°C
−0.700
−1.825
−1.035
−1.440
−5.2
Characteristic
Symbol
Pin
Under
Test
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Gnd
VIHmax
VILmin
VIHAmin
VILAmax
VEE
Power Supply Drain Current
IE
8
4,7,10,11,14
8
1, 16
Input Current
IinH
5
5
8
1, 16
IinL
5
5
8
1, 16
Output Voltage
Logic 1
VOH
2
3
5
4
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
3
5, 15
4, 15
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
3
5
4
15
15
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
3
5
4
15
15
8
8
1, 16
1, 16
Switching Times
(50Ω Load)
+1.11V
Pulse In
Pulse Out
−3.2 V
+2.0
Propagation Delay Data to Output
t9+2+
t9−2−
t11−2+
t11+2−
t7+3+
t7−3−
2
2
2
2
3
3
12
12
6
6
9
9
11
11
7
7
2
2
2
2
3
3
8
8
8
8
8
8
1, 16
1, 16
1, 16
1, 16
1, 16
1, 16
Enable to Output
t15−3+
t15+3−
3
3
10
10
15
15
3
3
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
2
9
2
8
1, 16
Fall Time
(20 to 80%)
t2−
2
9
2
8
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50−ohm resistor to −2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10166FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

Similar Description - MC10166FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC14585B ONSEMI-MC14585B_06 Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
   5-Bit Magnitude Comparator
1996 REV 5
logo
National Semiconductor ...
DM7160 NSC-DM7160 Datasheet
103Kb / 4P
   Magnitude Comparator
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com