Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCD9830 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCD9830
Description  8-Bit, 8-Channel ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCD9830 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCD9830 Datasheet HTML 6Page - ON Semiconductor NCD9830 Datasheet HTML 7Page - ON Semiconductor NCD9830 Datasheet HTML 8Page - ON Semiconductor NCD9830 Datasheet HTML 9Page - ON Semiconductor NCD9830 Datasheet HTML 10Page - ON Semiconductor NCD9830 Datasheet HTML 11Page - ON Semiconductor NCD9830 Datasheet HTML 12Page - ON Semiconductor NCD9830 Datasheet HTML 13Page - ON Semiconductor NCD9830 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCD9830
http://onsemi.com
10
TYPICAL CHARACTERISTICS
TA = +25°C, VDD = +2.7 V, VREF = External 2.5 V, fSAMPLE = 50 kHz, unless otherwise stated.
−50
TEMPERATURE (°C)
Figure 10. Change in Gain vs. Temperature
0.2
−30
130
0.15
0.1
0.05
0
−0.05
−0.1
−0.15
−0.2
−10
110
90
70
50
30
10
−45
TEMPERATURE (°C)
Figure 11. Internal VREF vs. Temperature
2.55
−25
95
−575
35
15
2.5375
2.525
2.5125
2.5
2.4875
2.475
2.4625
2.45
2.4375
2.425
2.4125
−50
TEMPERATURE (°C)
Figure 12. Power−Down Supply Current vs.
Temperature
1000
−30
130
−10
110
90
70
50
30
10
900
800
700
600
500
400
300
200
100
0
−50
TEMPERATURE (°C)
Figure 13. Supply Current vs. Temperature
−30
130
−10
110
90
70
50
30
10
400
350
300
250
200
150
100
10
I2C BUS RATE (kHz)
Figure 14. Supply Current vs. I2C Bus Rate
300
250
200
150
100
50
0
100
1000
10000
0
TURN−ON−TIME (ms)
Figure 15. Internal VREF vs. Turn−ON Time
3000
3
2.5
2
1.5
1
0.5
0
−0.5
500
1000
1500
2000
2500
No Cap
1 mF
55


Similar Part No. - NCD9830

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD98010 ONSEMI-NCD98010 Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98010XDPT3G ONSEMI-NCD98010XDPT3G Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98010XMXTAG ONSEMI-NCD98010XMXTAG Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98011 ONSEMI-NCD98011 Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98011XDPT3G ONSEMI-NCD98011XDPT3G Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
More results

Similar Description - NCD9830

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
   8-CHANNEL 8-BIT ADC?
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
   8-CHANNEL 8-BIT ADC
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Asahi Kasei Microsystem...
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
logo
Maxim Integrated Produc...
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com