Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30086CDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCL30086CDR2G
Description  Controller for LED Lighting
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30086CDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCL30086CDR2G Datasheet HTML 1Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 2Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 3Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 4Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 5Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 6Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 7Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 8Page - ON Semiconductor NCL30086CDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
NCL30086
www.onsemi.com
5
Table 3. MAXIMUM RATINGS TABLE(S)
Symbol
Rating
Value
Unit
VCC(MAX)
ICC(MAX)
Maximum Power Supply voltage, VCC pin, continuous voltage
Maximum current for VCC pin
−0.3 to 30
Internally limited
V
mA
VDRV(MAX)
IDRV(MAX)
Maximum driver pin voltage, DRV pin, continuous voltage
Maximum current for DRV pin
−0.3, VDRV (Note 1)
−300, +500
V
mA
VMAX
IMAX
Maximum voltage on low power pins (except DRV and VCC pins)
Current range for low power pins (except DRV and VCC pins)
−0.3, 5.5 (Notes 2 and 5)
−2, +5
V
mA
RθJ−A
Thermal Resistance Junction−to−Air
180
°C/W
TJ(MAX)
Maximum Junction Temperature
150
°C
Operating Temperature Range
−40 to +125
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM model (Note 3)
3.5
kV
ESD Capability, MM model (Note 3)
250
V
ESD Capability, CDM model (Note 3)
2
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. VDRV is the DRV clamp voltage VDRV(high) when VCC is higher than VDRV(high). VDRV is VCC otherwise.
2. This level is low enough to guarantee not to exceed the internal ESD diode and 5.5−V Zener diode. More positive and negative voltages can
be applied if the pin current stays within the −2 mA / 5 mA range.
3. This device contains ESD protection and exceeds the following tests: Human Body Model 3500 V per JEDEC Standard JESD22−A114E,
Machine Model Method 250 V per JEDEC Standard JESD22−A115B, Charged Device Model 2000 V per JEDEC Standard JESD22−C101E.
4. This device contains latch−up protection and has been tested per JEDEC Standard JESD78D, Class I and exceeds
±100 mA.
5. Recommended maximum VS voltage for optimal operation is 4 V. −0.3 V to +4.0 V is hence, the VS pin recommended range.
Table 4. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: For typical values TJ = 25°C, VCC = 12 V, VZCD = 0 V,
VCS = 0 V, VSD = 1.5 V) For min/max values TJ = −40°C to +125°C, VCC = 12 V)
Description
Test Condition
Symbol
Min
Typ
Max
Unit
STARTUP AND SUPPLY CIRCUITS
Supply Voltage
Startup Threshold
Minimum Operating Voltage
Hysteresis VCC(on) – VCC(off)
Internal logic reset
VCC rising
VCC rising
VCC falling
VCC(on)
VCC(off)
VCC(HYS)
VCC(reset)
16.0
8.2
8
4
18.0
8.8
5
20.0
9.4
6
V
VCC Over Voltage Protection Threshold
VCC(OVP)
25.5
26.8
28.5
V
VCC(off) noise filter
VCC(reset) noise filter
tVCC(off)
tVCC(reset)
5
20
ms
Startup current
ICC(start)
13
30
mA
Startup current in fault mode
ICC(Fault)
58
75
mA
Supply Current
Device Disabled/Fault
Device Enabled/No output load on DRV pin
Device Switching
VCC > VCC(off)
Fsw = 65 kHz
CDRV = 470 pF, Fsw = 65 kHz
ICC1
ICC2
ICC3
0.8
1.0
2.6
3.0
1.2
4.0
4.5
mA
CURRENT SENSE
Maximum Internal current limit
VILIM
0.95
1.00
1.05
V
Leading Edge Blanking Duration for VILIM
tLEB
240
300
360
ns
Propagation delay from current detection to gate
off−state
tILIM
100
150
ns
6. Guaranteed by Design
7. A NTC is generally placed between the SD and GND pins. Parameters RTF(start), RTF(stop), ROTP(off) and ROTP(on) give the resistance the
NTC must exhibit to respectively, enter thermal foldback, stop thermal foldback, trigger the OTP limit and allow the circuit recovery after
an OTP situation.
8. At startup, when VCC reaches VCC(on), the controller blanks OTP for more than 250 ms to avoid detecting an OTP fault by allowing the
SD pin voltage to reach its nominal value if a filtering capacitor is connected to the SD pin.


Similar Part No. - NCL30086CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30086BH ONSEMI-NCL30086BH Datasheet
376Kb / 30P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2016 ??Rev. 0
NCL30086BHDR2G ONSEMI-NCL30086BHDR2G Datasheet
376Kb / 30P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2016 ??Rev. 0
More results

Similar Description - NCL30086CDR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2109 NXP-SSL2109 Datasheet
583Kb / 20P
   GreenChip controller for LED lighting
Rev. 3-4 June 2012
SSL2109T NXP-SSL2109T Datasheet
589Kb / 19P
   GreenChip controller for LED lighting
Rev. 2-26 April 2012
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
TPS92020 TI-TPS92020 Datasheet
553Kb / 22P
[Old version datasheet]   Resonant-Switching Driver Controller for LED Lighting
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com