Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP134AMX120TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP134AMX120TCG
Description  500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP134AMX120TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP134AMX120TCG Datasheet HTML 1Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 2Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 3Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 4Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 5Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 6Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 7Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 8Page - ON Semiconductor NCP134AMX120TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP134
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
XDFN4
Pin Name
Description
1
OUT
Regulated Output Voltage pin
2
BIAS
Bias voltage supply for internal control circuits. This pin is monitored by internal Under-Voltage
Lockout Circuit.
3
EN
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the regulator into
shutdown mode.
4
IN
Input Voltage Supply pin
5
GND
Ground
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 6
V
Output Voltage
VOUT
−0.3 to (VIN+0.3) ≤ 6
V
Chip Enable, Bias Input
VEN, VBIAS
−0.3 to 6
V
Output Short Circuit Duration
tSC
unlimited
s
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection (except OUT pin) and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN4 1.2 mm x 1.2 mm
Thermal Resistance, Junction−to−Air (Note 3)
RqJA
170
°C/W
3. This data was derived by thermal simulations for a single device mounted on the 40 mm x 40 mm x 1.6 mm FR4 PCB with 2−ounce 800 sq
mm copper area on top and bottom.


Similar Part No. - NCP134AMX120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP134AMX120TCG ONSEMI-NCP134AMX120TCG Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
More results

Similar Description - NCP134AMX120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8135 ONSEMI-NCV8135 Datasheet
772Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2019 ??Rev. 1
NCP135 ONSEMI-NCP135 Datasheet
769Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2017 ??Rev. 0
NCP133 ONSEMI-NCP133_15 Datasheet
178Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 3
NCP137 ONSEMI-NCP137 Datasheet
181Kb / 9P
   700 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
September, 2018 ??Rev. 5
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com