Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP392CRFCCT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP392CRFCCT1G
Description  Adjustable Front End Overvoltage Protection Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP392CRFCCT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP392CRFCCT1G Datasheet HTML 1Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 2Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 3Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP392C
www.onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS
Min / Max limits values (−40
°C < TA < +85°C) and Vin = +5 V (Unless otherwise noted). Typical values are TA = +25°C.
Characteristics
Symbols
Conditions
Min
Typ
Max
Unit
Input Voltage Range
Vin, VOVLO
2.8
28
V
Under voltage Lockout
UVLO
Vin rising
2.8
V
Under voltage Lockout
hysteresis
UVLOhyst
Vin falling
60
mV
Internal Over voltage
Lockout threshold
OVLO
Vin rising (Note 3)
OVLO pin tied to GND − 25
°C
NCP392CR
13.4
13.8
14.2
V
NCP392CS
15
15.5
16
Internal Over voltage Lockout
hysteresis
OVLOhyst
Vin falling (Note 3)
OVLO pin tied to GND − 25
°C
1.5
2.5
%
External OVLO Reference
OVLO_EXT
NCP392CR
1.12
1.20
1.24
V
NCP392CS
1.18
1.221
1.26
External Adjustable OVLO
4
20
V
Over−Voltage Lockout
Hysteresis
OVLOEXThyst
Vin falling
2
%
External OVLO select
threshold
OVLOSEL
0.2
0.3
V
Vin versus Vout Resistance
RDSon
Vin = 5 V, EN = GND, –40°C < TJ < 125°C
34
50
m
W
Supply Quiescent Current
IDD
No load, EN = 0.4 V
58
100
mA
Standby Current
ISTB
No load, EN = 1.2 V,
6
mA
OVLO Supply current
IIN_OVLO
VOVLO = 3 V, VIN = 5 V, VOUT = 0 V
60
100
mA
OVLO select leakage
IOVLO
100
nA
LOGIC
EN Voltage High
VIH
1.2
V
EN Voltage Low
VIL
0.4
V
ACOK Output Low Voltage
VOL
ISINK = 1 mA
0.4
V
TIMINGS
Start up time
tSTART
From Vin > 2.8 V to 10% Vout, EN low
15
ms
Enable time
tEN
Vin present, From EN high to low, 10% Vout
15
ms
Soft Start
tRISE
From 10% to 90% of Vout, C load 100 mF,
Rload, 100
W, EN low
1
ms
ACOK Start up time
tSTART2
From Vin Valid to ACOK tied low, EN low or high
30
ms
Turn off time
tOFF
Surge off time
100
ns
Disable time
tDIS
From EN >1.2 V to 90% Vout. No load
20
ms
OVLO Turn off time
tOVLO
Vin rising 2 V/ms
1.5
ms
TSD
Thermal shutdown
TSD
140
°C
Thermal shutdown rearming
TSD rearm
115
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Please contact your ON Semiconductor representative for additional OVLO threshold.
Electrical parameters are guaranteed by correlation across the full range of temperature.


Similar Part No. - NCP392CRFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392A ONSEMI-NCP392A Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392ARFCCT1G ONSEMI-NCP392ARFCCT1G Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392BRFCCT1G ONSEMI-NCP392BRFCCT1G Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
More results

Similar Description - NCP392CRFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
NCV890104 ONSEMI-NCV890104 Datasheet
214Kb / 19P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 3
NCP392A ONSEMI-NCP392A Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
logo
Kinetic Technologies.
KTS1662 KINETIC-KTS1662 Datasheet
545Kb / 11P
   Adjustable Overvoltage Protection Switch
May 2019 - Revision 04d
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com