Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP392CRFCCT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP392CRFCCT1G
Description  Adjustable Front End Overvoltage Protection Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP392CRFCCT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP392CRFCCT1G Datasheet HTML 1Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 2Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 3Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 3
1
Publication Order Number:
NCP392C/D
NCP392C
Adjustable Front End
Overvoltage Protection
Controller with Protected
Vbus Output
The NCP392C is an overvoltage front end protection controller and
is able to disconnect the systems from its output pin in case wrong
input operating conditions are detected, up to +28 V. Thanks to this
device using internal NMOS, no external device is necessary, reducing
the system cost and the PCB area of the application board.
Internal OVLO threshold is available, or can be adjusted if an
external resistor bridge is used.
At power up (EN pin = low level), the Vout turns on tstart time after
internal timer elapsed.
The NCP392C features an ACOK pin that indicates faulty
condition.
Features
Over−voltage Protection Up to + 28 V
On−chip Low RDS(on) NMOS Transistors: Typical 34 mW
Over−voltage Lockout (OVLO)
Externally Adjustable OVLO
Internal 15 ms Startup Delay
Shutdown EN Input
ACOK Status Pin
+ 100 V Surge Capability, in Compliance with IEC61000−4−5
Standard
Compliance to IEC61000−4−2 (Level 4) Standard
8 kV (Contact)
15 kV (Air)
ESD Ratings:
Machine Model = B (200 V)
Human Body Model = 2 (2 kV)
CSP−12 Package 1.3 x 2.0 mm, 0.4 mm Pitch
This is a Pb−Free Device
Typical Applications
Cell Phones
Tablets
Camera Phones
Digital Still Cameras
Personal Digital Applications
WLCSP 12
FCC SUFFIX
CASE 567JM
PIN CONNECTION
www.onsemi.com
MARKING
DIAGRAM
ORDERING INFORMATION
See detailed ordering, marking and shipping information on
page 9 of this data sheet.
392Cx = Specific Device Number
392Cx = (x = R or S)
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
392Cx
AYWW
G
EN
OUT
OUT
PGND
OUT
IN
PGND
OVLO
IN
IN
PGND
A
B
C
123
4
(Top View)
ACOK


Similar Part No. - NCP392CRFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392A ONSEMI-NCP392A Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392ARFCCT1G ONSEMI-NCP392ARFCCT1G Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392BRFCCT1G ONSEMI-NCP392BRFCCT1G Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
More results

Similar Description - NCP392CRFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
NCV890104 ONSEMI-NCV890104 Datasheet
214Kb / 19P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 3
NCP392A ONSEMI-NCP392A Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
logo
Kinetic Technologies.
KTS1662 KINETIC-KTS1662 Datasheet
545Kb / 11P
   Adjustable Overvoltage Protection Switch
May 2019 - Revision 04d
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com