Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8853 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8853 Datasheet HTML 4Page - ON Semiconductor NCV8853 Datasheet HTML 5Page - ON Semiconductor NCV8853 Datasheet HTML 6Page - ON Semiconductor NCV8853 Datasheet HTML 7Page - ON Semiconductor NCV8853 Datasheet HTML 8Page - ON Semiconductor NCV8853 Datasheet HTML 9Page - ON Semiconductor NCV8853 Datasheet HTML 10Page - ON Semiconductor NCV8853 Datasheet HTML 11Page - ON Semiconductor NCV8853 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCV8853
www.onsemi.com
11
The maximum reverse voltage the diode sees is the
maximum input voltage (with some margin in case of
ringing on the switch node). The maximum forward current
is the peak current limit of the NCV8853, or 150% of ICL
.
(6) Output Inductor Selection
Both mechanical and electrical considerations influence
the selection of an output inductor. From a mechanical
perspective, smaller inductor values generally correspond to
smaller physical size. Since the inductor is often one of the
largest components in the power supply, a minimum
inductor value is particularly important in space−
constrained applications. From an electrical perspective, an
inductor is chosen for a set amount of current ripple and to
assure adequate transient response.
The output inductor controls the current ripple that occurs
over a switching period. A high current ripple will result in
excessive power loss and ripple current requirements. A low
current ripple will result in a poor control signal and a slow
current slew rate in the event of a load transient. A good
starting point for peak−to−peak ripple is around 10% of the
inductor current.To choose the inductor value based on the
peak−to−peak ripple current, use the following equation:
i
L +
V
OUT @ (1 * DMIN)
L
@ F
SW
where:
iL: peak−to−peak output current ripple [Ap−p]
From this equation it is clear that the ripple current increases
as L decreases, emphasizing the trade−off between dynamic
response and ripple current. The peak and valley values of
the triangular current waveform are as follows:
I
L(pk) + IOUT )
i
L
2
I
L(vly) + IOUT *
i
L
2
where:
IL(pk): peak (maximum) value of ripple current [A]
IL(vly): valley (minimum) value of ripple current [A]
Saturation current is specified by inductor manufacturers as
the current at which the inductance value has dropped from
the nominal value, typically 10%. For stable operation, the
output inductor must be chosen so that the inductance is
close to the nominal value even at the peak output current,
IL(pk), it is recommended to choose an inductor with
saturation current sufficiently higher than the peak output
current, such that the inductance is very close to the nominal
value at the peak output current. This allows for a safety
factor and allows for more optimized compensation.
Inductor efficiency is another consideration when
selecting an output inductor. Inductor losses include dc and
ac winding losses, which are very low due to high core
resistance, and magnetic hysteresis losses, which increase
with peak−to−peak ripple current. Core losses also increase
as switching frequency increases.
Ac winding losses are based on the ac resistance of the
winding and the RMS ripple current through the inductor,
which is much lower than the dc current. The ac winding
losses are due to skin and proximity effects and are typically
much less than dc losses, but increase with frequency. Dc
winding losses account for a large percentage of output
inductor losses and are the dominant factor at switching
frequencies at or below 500 kHz. The dc winding losses in
the inductor can be calculated with the following equation:
P
L(dc) + IOUT
2
@ R
dc
where:
PL(dc): dc winding losses in the output inductor
Rdc: dc resistance of the output inductor (DCR)
(7) Output Capacitor Selection
The output capacitor is a basic component for the fast
response of a power supply. In fact, for the first few
microseconds of a load transient, they supply the current to
the load. The controller recognizes the load transient and
proceeds to increase the duty cycle to its maximum.
Neglecting the effect of the ESL, the output voltage has a
first drop due to ESR of the bulk capacitor(s).
DV
OUT(ESR) + DIOUT @ ESR
A lower ESR produces a lower
ΔV during load transient.
In addition, a lower ESR produces a lower output voltage
ripple.
In the case of stepping into a short, the inductor current
approaches zero with the worst case initial current at the
current limit and the initial voltage at the output voltage set
point, calculating the voltage overshoot as follows:
DV
OS +
L
@ I
CL
2
C
) V
OUT
2
* V
OUT
Accordingly, a minimum amount of capacitance can be
chosen for maximum allowed output voltage overshoot:
C
MIN +
L
@ I
CL
2
V
OUT ) DVOS(max)
2
* V
OUT
2
where:
CMIN: minimum amount of capacitance to minimize
voltage overshoot to
ΔVOS(max) [F]
ΔVOS(max): maximum allowed voltage overshoot during
a short [V]
(8) Select Compensator Components
The Current Mode control method employed by the
NCV8853 allows the use of a simple, Type II compensation
to optimize the dynamic response according to system
requirements. Using a simulation tool such as CompCalc
can assist in the selection of these components.


Similar Part No. - NCV8853

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV885300D1R2G ONSEMI-NCV885300D1R2G Datasheet
103Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
NCV885301D1R2G ONSEMI-NCV885301D1R2G Datasheet
103Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
NCV8853 ONSEMI-NCV8853_16 Datasheet
103Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
More results

Similar Description - NCV8853

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8853 ONSEMI-NCV8853_16 Datasheet
103Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8851 ONSEMI-NCV8851 Datasheet
250Kb / 18P
   Automotive Grade Synchronous Buck Controller
April, 2010 ??Rev. 2
NCV8856 ONSEMI-NCV8856 Datasheet
181Kb / 19P
   Automotive Grade Synchronous Buck Controller
October, 2016 ??Rev. 0
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com