Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC823433TA Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC823433TA
Description  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823433TA Datasheet(HTML) 4 Page - ON Semiconductor

  LC823433TA Datasheet HTML 1Page - ON Semiconductor LC823433TA Datasheet HTML 2Page - ON Semiconductor LC823433TA Datasheet HTML 3Page - ON Semiconductor LC823433TA Datasheet HTML 4Page - ON Semiconductor LC823433TA Datasheet HTML 5Page - ON Semiconductor LC823433TA Datasheet HTML 6Page - ON Semiconductor LC823433TA Datasheet HTML 7Page - ON Semiconductor LC823433TA Datasheet HTML 8Page - ON Semiconductor LC823433TA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LC823433TA
www.onsemi.com
4
Specifications
Absolute Maximum Ratings
at VSS = 0V
Parameter
Symbol
Domain of applicability
Ratings
Unit
Supply voltage
VDD1
VDDRTC
AVDDPLL1
AVDDPHY1
0.3 to +1.8
V
VDD2
VDDLCD
AVDDPLL2
AVDDADC
AVDDAADC
AVDDADAC
AVDDSPAMP
AVDDPHY2
0.3 to +3.96
V
Input voltage
VI
0.3 to *VDD*+0.3 (Max 3.96)
V
Operating temperature
Topr
20 to +75
C
Storage temperature
Tstg
55 to +125
C
Recommended Operating Conditions
at Ta =
20C to +75C
Parameter
Symbol
Test Conditions
min
typ
max
Unit
Supply voltage
VDD1
1.15
1.3
1.65
V
VDDRTC
0.9
1.5
1.65
V
AVDDPLL1
1.15
1.3
1.65
V
VDD2
2.7
3.15
3.3
V
VDDLCD
2.7
3.15
3.3
V
AVDDPLL2
2.7
3.15
3.3
V
AVDDADC
2.7
3.15
3.3
V
AVDDAADC
2.7
2.8
3.3
V
AVDDADAC
2.7
2.8
3.3
V
AVDDSPAMP
1.8
3.15
3.8
V
AVDDPHY1
1.35
1.5
1.65
V
AVDDPHY2
3.0
3.15
3.6
V
Input voltage
VIN
0
*VDD*V
VIN3
(RTC)
0
3.6
V
VIN_ADC
(AN0-AN2).
I_AN
 300A
0
3.3
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - LC823433TA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823430TA ONSEMI-LC823430TA Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823430TA-2H ONSEMI-LC823430TA-2H Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results

Similar Description - LC823433TA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com