Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37272M8H Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M37272M8H
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37272M8H Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37272M8H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37272M8H Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 131 page
background image
5
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37272M6H/M8H/MAH/MFH–XXXSP/FP
M37272E8SP/FP, M37272EFSP/FP
MITSUBISHI MICROCOMPUTERS
Rev. 1.0
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output
ports
Serial I/O
Multi-master I2C-BUS interface
A-D comparator
PWM output circuit
Timers
ROM correction function
Subroutine nesting
Interrupt
Clock generating circuit
Data slicer
ROM
RAM
OSD ROM
OSD RAM
P0
P10–P17
P20–P27
P30, P31
P50, P51
P52–P55
M37272M6H-XXXSP/FP
M37272M8H-XXXSP/FP,M37272E8SP/FP
M37272MAH-XXXSP/FP
M37272MFH-XXXSP/FP, M37272EFSP/FP
M37272M6H-XXXSP/FP
M37272M8H-XXXSP/FP,M37272E8SP/FP
M37272MAH-XXXSP/FP, M37272MFH-XXXSP/FP, M37272EFSP/FP
I/O
I/O
I/O
I/O
Input
Output
71
0.5
µs (the minimum instruction execution time, at 8 MHz oscillation fre-
quency)
8 MHz (maximum)
24K bytes
32K bytes
40K bytes
60K bytes
1024 bytes (ROM correction memory included)
1152 bytes (ROM correction memory included)
1472 bytes (ROM correction memory included)
10K bytes
128 bytes
8-bit ✕ 1 (N-channel open-drain output structure, can be used as PWM
output pins, INT input pins, A-D input pin)
8-bit ✕ 1 (CMOS input/output structure, however, N-channel open-drain
output structure, when P11–P14 are used as multi-master I2C-BUS inter-
face, can be used as OSD output pin, A-D input pins, INT input pin, multi-
master I2C-BUS interface)
8-bit ✕ 1 (P2 is CMOS input/output structure, however, N-channel open-
drain output structure when P20 and 21 are used as serial output, can be
used as serial input/output pins, timer external clock input pins, OSD clock
input/output pin, sub-clock input/output pins)
2-bit ✕ 1 (CMOS input/output or N-channel open-drain output structure,
can be used as A-D input pins)
2-bit ✕ 1 (can be used as OSD input pins)
4-bit ✕ 1 (CMOS output structure, can be used as OSD output pins)
8-bit ✕ 1
1 (2 systems)
6 channels (6-bit resolution)
8-bit ✕ 6
8-bit timer ✕ 6
2 vectors
128 levels (maximum)
<17 types>
INT external interrupt ✕ 3, Internal timer interrupt ✕ 6, Serial I/O interrupt ✕
1, OSD interrupt ✕ 1, Multi-master I2C-BUS interface interrupt ✕ 1, Data
slicer interrupt ✕ 1, f(XIN)/4096 interrupt ✕ 1, VSYNC interrupt ✕ 1, BRK
instruction interrupt ✕ 1, reset ✕ 1
2 built-in circuits (externally connected to a ceramic resonator or a quartz-
crystal oscillator)
Built-in
Parameter
6. PERFORMANCE OVERVIEW
Table 6.1 Performance Overview
Functions


Similar Part No. - M37272M8H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37272M8H-XXXFP RENESAS-M37272M8H-XXXFP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37272M8H-XXXSP RENESAS-M37272M8H-XXXSP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37272M8H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com