Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC27-09-0100A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PC27-09-0100A
Description  consists of a PCB antenna and 1.13mm coaxial cable with MMCX(M) 90 degree connector.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC27-09-0100A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PC27-09-0100A Datasheet HTML 3Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 4Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 5Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 6Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 7Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 8Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 9Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 10Page - List of Unclassifed Manufacturers PC27-09-0100A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© All Rights Reserved
Taoglas Limited, Unit 3 Enniscorthy Technology Centre, Enniscorthy, Co. Wexford, Ireland
www.taoglas.com
6.0
Antenna Test Setup and Results
6.1 Equipment
500 cm
HORN
Standard Antenna
8720 C
Network Analyzer
Rotator Controller
Radiation Pattern Testing - Anechoic Chamber
DUT Antenna


Similar Part No. - PC27-09-0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A Datasheet
252Kb / 8P
   Compatible with Hirose U.FL
PC27.07.0100A TAOGLAS-PC27.07.0100A Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
PC27.09.0100A TAOGLAS-PC27.09.0100A Datasheet
1Mb / 12P
   34mm-7mm-0.8mm
PC27.09.0100A TAOGLAS-PC27.09.0100A Datasheet
854Kb / 9P
   TheStripe??50 / 900 / 1800 / 1900MHz GSM PCB Antenna
More results

Similar Description - PC27-09-0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC27090100A TAOGLAS-PC27090100A Datasheet
714Kb / 9P
   850 / 900 / 1800 / 1900MHz GSM PCB Antenna W/100mm 1.13 Coaxial Cable MMCX (M) R/A Connector
logo
Neutrik AG
NE8MX-1 NEUTRIK-NE8MX-1 Datasheet
80Kb / 2P
   Cable connector carrier consists of a nickel shell, chuck and boot.
NE8MC-1 NEUTRIK-NE8MC-1 Datasheet
88Kb / 2P
   Cable connector carrier consists of a shell, fixing disk, chuck and boot.
NE8MX-TOP NEUTRIK-NE8MX-TOP Datasheet
78Kb / 2P
   Cable connector carrier consists of a velour chromiuim shell, chuck and boot.
NE8MX-B-1 NEUTRIK-NE8MX-B-1 Datasheet
79Kb / 2P
   Cable connector carrier consists of a black chromium shell, chuck and boot.
logo
Taoglas antenna solutio...
PC17070070A TAOGLAS-PC17070070A Datasheet
405Kb / 9P
   Miniature 2.4GHz PCB antenna with cable and connector
logo
List of Unclassifed Man...
PC17070070A ETC2-PC17070070A Datasheet
473Kb / 8P
   Miniature 2.4GHz PCB antenna with cable and connector
logo
Pasternack Enterprises,...
PE51016-5 PASTERNACK-PE51016-5 Datasheet
124Kb / 1P
   GPS ANTENNA, MAGNETIC MOUNT, TO MMCX MALE, RG174 COAXIAL CABLE
logo
Neutrik AG
NE8MC-B-1 NEUTRIK-NE8MC-B-1 Datasheet
90Kb / 2P
   Cable connector carrier consists of a black chromium shell, fixing disk, chuck and boot.
logo
Molex Electronics Ltd.
0734152251 MOLEX11-0734152251 Datasheet
29Kb / 1P
   50 Ohms, MMCX Plug, Crimp, 1.13mm Cable, Bulk
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com