Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8226GM3NR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S8226GM3NR
Description  1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S8226GM3NR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S8226GM3NR Datasheet HTML 1Page - List of Unclassifed Manufacturers S8226GM3NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S8226
S8226WGM3NR-HE (BTO)
S8226WGM3NR / S8226GM3NR
Specifications are subject to change without notice. Items pictured may only be representative.
DUAL-SOCKET
SERVER
PLATFORM
1U/2U-optimized dual-socket server
platform for enterprise & IPDC applications
AMD OpteronTM 4100/4200 series
 Dual C32 sockets support up to (2) AMD Opteron™ 4100/4200/
4300 series processors (Lisbon/ Valencia/ Seoul)
 Support (2) HyperTransport™ 3.0 link, max. bandwidth up to
25.6 GB/s @ 6.4GT/s per link
 AMD SR5690 + SR5650 + SP5100 (S8226WGM3NR-HE)
 AMD SR5690 + SP5100 (S8226WGM3NR/ S8226GM3NR)
 (12) 240-pin DDR3 DIMM slots support up to 192GB R-DDR3
1333/1066/800MHz w/ ECC memory
 (2) PCI-E Gen.2 x16 slots (S8226GM3NR/ S8226WGM3NR)
 (3) PCI-E Gen.2 x16 slots (S8226WGM3NR-HE)
 (6) SATA-II ports via (1) Mini-SAS & (2) SATA connectors w/
RAID 0, 1, 10, 5 support
 (8) SAS 6G ports via (2) Mini-SAS connectors w/ RAID 0, 1, 1E,
10 support (S8226WGM3NR-HE/ S8226GM3NR)
 (3) GbE LAN
 Onboard BMC w/ IPMI and iKVM support
 EATX (12" x 13") form factor


Similar Part No. - S8226GM3NR

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S822 NKK-S822 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8221 SATCO-S8221 Datasheet
125Kb / 1P
   15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Polyfet RF Devices
S8222 POLYFET-S8222 Datasheet
53Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results

Similar Description - S8226GM3NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8236 ETC2-S8236 Datasheet
751Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & GPGPU applications
S8230 ETC2-S8230 Datasheet
683Kb / 2P
   Mainstream dual-socket server platform for enterprise applications
YR190-B7058-X2 ETC2-YR190-B7058-X2 Datasheet
563Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC and enterprise virtualization applications
YR190-B8228-X2 ETC2-YR190-B8228-X2 Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
S8228 ETC2-S8228 Datasheet
565Kb / 2P
   High-density dual-socket server platform for IPDC environment
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
S8812 ETC2-S8812 Datasheet
753Kb / 2P
   High-performance quad-socket server platform for enterprise & HPC applications
GT14-B8005 ETC2-GT14-B8005 Datasheet
804Kb / 2P
   Entry 1U single-socket server implementation for IPDC and general SMB applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com