Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YR190-B8228-X2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # YR190-B8228-X2
Description  High-Density 1U dual-socket SMP server implementation for IPDC applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YR190-B8228-X2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  YR190-B8228-X2 Datasheet HTML 1Page - List of Unclassifed Manufacturers YR190-B8228-X2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYAN Business Unit
MITAC INTERNATIONAL CORP.
Specifications
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
(Specifications are subject to change without notice. Items pictured may only be representative.)
Easy-swap System FANs
(2) 4056 + (1) 4028
M7018-R16-1L
Provide (1) low-profile
PCI-E (Gen. 2) x16 slot Rear View
S8228GM3NR
(2) C32 sockets
(6+6) R-DDR3 1333/1066/800MHz
Max.96GB, (3) GbEports,
Legacy-free Rear I/O
ERP1U 450W PSU, 80-PLUS Silver
M7018-BP
BP4-port SAS/SATA-II
HDD backplane board
M5376-FPB
Integrated front panel board
GOLD
YR190-B8228-X2
B8228Y190X2-045V4H
1U Rackmount Frame w/ 2x 1U blades
YR190
1.72" x 17.32" x 28.74" (43.6 x 440 x 730mm)
S8228GM3NR
25 kg (w/ 2 blades installed)
(1) RST / (1) ID / (1) PWR
(1) Power / (1) BMC / (2) LAN / (1) HDD
(2) USB ports
2.5" Hot-Swap / (4)
SAS 3.0Gb/s (via HBA)
SATA-II 3.0Gb/s
System Cooling
Configuration
(per blade)
(3) 4cm fans
ERP1U cold-swap
Full-range AC(100-240V)
47 - 63 Hertz
450 Watts
PFC / 80-plus Silver
AMD Opteron™ 4100/4200 series
processors
C32 / (2)
Up to 50W
Support (2) HyperTransport™ 3.0 link, max.
bandwidth up to 25.6 GB/s @ 6.4GT/s per
link
Chipset (per blade)
AMD SR5650 + SP5100
(6+6) DIMM slots
DDR3 1333/1066/800 RDIMM
Up to
96GB RDIMM
4 Channels (2 Channels per CPU)
1.5V / 1.35V
(1) Low-Profile PCI-E Gen.2 x16 slot
M7018-R16-1L, PCI-E x16 1U riser card
(right)
(3)
Intel® 82576EB
Intel® 82574L
Controller
AMD SP5100
Speed
3.0 Gb/s
Front Panel
(per blade)
System Bus
Processor
(per blade)
Supported CPU Series
Socket Type / Q'ty
External Drive
Bay (per blade)
FAN
Power Supply
(per blade)
Type
Input Range
Frequency
Type / Q'ty
Average CPU Power
(ACP) wattage
Dimension (H x W x D)
Supported HDD
Interface
Motherboard
Buttons
LEDs
I/O Ports
Efficiency
PCI-E
Pre-installed TYAN
Riser Card
Expansion Slots
(per blade)
Form Factor
Chassis Name
Output Watts
Gross Weight
System
Storage
(per blade)
Memory voltage
LAN
(per blade)
Capacity
Memory channel
Port Q'ty
Controller
Memory
(per blade)
Chipset
Supported DIMM Qty
DIMM Type / Speed
SATA
D-Sub 15-pin
1600x1200@60Hz
Aspeed AST2050
(5) USB2.0 ports (2 at rear, 2 at front, 1 type
A onboard)
(1) DB-9 port
(1) D-Sub 15-pin VGA port
(3) GbE ports
Winbond W83795G
Monitors voltage for CPU, memory, chipset &
power supply
Monitors temperature for CPU & system
environment
Fan fail LED indicator
Over temperature warning indicator
Watchdog timer support
Onboard Aspeed AST2050
IPMI 2.0 compliant baseboard management
controller (BMC)
BIOS update
USB 2.0 virtual hub
24-bit high quality video compression
Dual 10/100 Mb/s MAC interfaces
AMI / 4MB
Plug and Play (PnP)
PCI2.3 /WfM2.0 /SMBIOS2.3 /PXE boot
ACPI 2.0 power management
Power on mode after power recovery
User-configurable H/W monitoring
Auto-configurable of hard disk types
Multiple boot options
Operating
System
Please refer to our OS supported list.
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
In/Non-operating
Humidity
AST2050 IPMI Feature
RoHS 6/6 Complaint
Chipset
Voltage
Others
OS supported list
FCC (DoC)
CE (DoC)
Operating Temp.
Non-operating Temp.
Graphic
(per blade)
Connector type
Resolution
LED
(On system front panel)
Input / Output
(per blade)
USB
COM
VGA
RJ-45
Regulation
Operating
Environment
Temperature
System
Monitoring
(per blade)
Server
Management
(per blade)
Brand / ROM size
Feature
BIOS
(per blade)
Onboard Chipset
AST2050 iKVM Feature
Chipset


Similar Part No. - YR190-B8228-X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
More results

Similar Description - YR190-B8228-X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YR190-B7058-X2 ETC2-YR190-B7058-X2 Datasheet
563Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC and enterprise virtualization applications
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
GT14-B8005 ETC2-GT14-B8005 Datasheet
804Kb / 2P
   Entry 1U single-socket server implementation for IPDC and general SMB applications
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
   High-Density 2U dual-socket SMP server implementation
GT24-B7066 ETC2-GT24-B7066 Datasheet
728Kb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for Server Applications
FT48-B7025 ETC2-FT48-B7025 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
FT72-B7015 ETC2-FT72-B7015 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
GT24-B7016 ETC2-GT24-B7016 Datasheet
905Kb / 2P
   Best 1U dual-socket SMP server implementation for HPC and enterprise virtualization applications
GT24-B8236-IL ETC2-GT24-B8236-IL Datasheet
748Kb / 2P
   Best 1U dual-socket SMP server implementation for HPC and enterprise virtualization applications
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com