Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YR292-B5538 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # YR292-B5538
Description  2U High-Density and Power-Efficient Platform for VHD/VDI Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YR292-B5538 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  YR292-B5538 Datasheet HTML 1Page - List of Unclassifed Manufacturers YR292-B5538 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2U High-Density and Power-Efficient
Platform for VHD/VDI Applications
YR292-B5538
B5538Y292X4-080V4HR-HE
Specifications are subject to change without notice. Items pictured may only be representative.
2U HIGH-DENSITY
AND POWER-
EFFICIENT
PLATFORM
Front View
Front View
Back View
Back View
Single LGA1150 socket supports Intel® Xeon® (1) E3-1200 v3 series
processors (per blade)
Intel® C226 PCH (per blade)
(4) DDR3 DIMM slots (per blade)
Supporting up to 32GB UDIMM ECC 1333/1066 memory
(1) PCI-E Gen3 x16 slot (per blade)
(4) hot-swap 2.5" SAS/SATA 6G HDDs (per blade)
(2) GbE + (1) dedicated for IPMI (via Intel® I350-AM2 + via Intel® I210) (per
blade)
Onboard BMC w/ IPMI and iKVM support (per blade)
(1+1) RPSU high-eciency 800W 80 plus Platinum
• Unied HDD bracket design
• Each bracket supports up to (4) hot-swap 2.5”


Similar Part No. - YR292-B5538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
   High-Density 2U dual-socket SMP server implementation
More results

Similar Description - YR292-B5538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
PVS10005 ETC2-PVS10005 Datasheet
720Kb / 6P
   Compact, high power density, 2U package
S8236 ETC2-S8236 Datasheet
751Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & GPGPU applications
S8226 ETC2-S8226 Datasheet
827Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
List of Unclassifed Man...
S8238 ETC2-S8238 Datasheet
698Kb / 2P
   High-density dual-socket server platform for HPC application
GT26A-B8812 ETC2-GT26A-B8812 Datasheet
697Kb / 2P
   1U QUAD SOCKET PLATFORM FOR HIGH-DENSITY HPC APPLICATION
S8228 ETC2-S8228 Datasheet
565Kb / 2P
   High-density dual-socket server platform for IPDC environment
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com