Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF517 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF517
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF517 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF517 Datasheet HTML 1Page - Microsemi Corporation MRF517 Datasheet HTML 2Page - Microsemi Corporation MRF517 Datasheet HTML 3Page - Microsemi Corporation MRF517 Datasheet HTML 4Page - Microsemi Corporation MRF517 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1302.PDF 10-25-99
MRF517
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
NF
Broadband Noise Figure
(IC = 50 mAdc, VCE = 15Vdc, f = 300 MHz
-
-
7.5
dB
Gpe
Common Emitter Amplifier Power Gain
(VCE = 15 Vdc, IC = 60 mAdc, f = 300MHz
9
10
-
dB
P
OUT
(R
L= 50 OHMS)
P
IN
(R
S=50 OHMS)
+VBB
+15Vdc
Figure 1. 40 to 330 MHz Broadband Test Schematic


Similar Part No. - MRF517

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF517 ASI-MRF517 Datasheet
32Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
MRF5174 ASI-MRF5174 Datasheet
13Kb / 1P
   NPN RF POWER TRANSISTOR
MRF5175 ASI-MRF5175 Datasheet
32Kb / 1P
   1NPN SILICON RF POWER TRANSISTOR
logo
Motorola, Inc
MRF5176 MOTOROLA-MRF5176 Datasheet
109Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF5176 ASI-MRF5176 Datasheet
99Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF517

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com