Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V11013 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE1V11013
Description  0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 400 MHz to
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11013 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE1V11013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11013 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PE1V11013 REV 1.0
0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO)
Operating From 400 MHz to 600 MHz With Phase Noise of -102 dBc/Hz
PE1V11013 CAD Drawing


Similar Part No. - PE1V11013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11013 PASTERNACK-PE1V11013_16 Datasheet
976Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 600 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
More results

Similar Description - PE1V11013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11009 PASTERNACK-PE1V11009 Datasheet
656Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 100 MHz to
PE1V11003 PASTERNACK-PE1V11003 Datasheet
626Kb / 7P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 30 MHz
PE1V11006 PASTERNACK-PE1V11006 Datasheet
661Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 50 MHz
PE1V11007 PASTERNACK-PE1V11007 Datasheet
660Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 60 MHz
PE1V12000 PASTERNACK-PE1V12000 Datasheet
671Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 130 MHz
PE1V11001 PASTERNACK-PE1V11001 Datasheet
655Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 18 MHz
PE1V11000 PASTERNACK-PE1V11000 Datasheet
656Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 10 MHz
PE1V11012 PASTERNACK-PE1V11012 Datasheet
671Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 300 MHz to 400 MHz
PE1V11018 PASTERNACK-PE1V11018 Datasheet
674Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 1.2 GHz
PE1V15000 PASTERNACK-PE1V15000 Datasheet
661Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 305 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com