Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V11018 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE1V11018
Description  0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 1.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11018 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE1V11018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11018 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
19
19.5
20
20.5
21
21.5
22
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
Supply Current vs Tuning Voltage
0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 1.2 GHz to 1.8 GHz With Phase
Noise of -89 dBc/Hz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 1.2 GHz
to 1.8 GHz With Phase Noise of -89 dBc/Hz PE1V11018
URL: http://www.pasternack.com/surface-mount-voltage-controlled-oscillator-vco-1.8-ghz-89-dbc-hz-pe1v11018-p.aspx
PE1V11018 REV 1.0
Voltage Control Oscillators Technical Data Sheet
PE1V11018
0.5 inch Commercial Surface Mount Voltage
Controlled Oscillator (VCO) Operating From 1.2 GHz
to 1.8 GHz With Phase Noise of -89 dBc/Hz


Similar Part No. - PE1V11018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
More results

Similar Description - PE1V11018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11003 PASTERNACK-PE1V11003 Datasheet
626Kb / 7P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 30 MHz
PE1V11006 PASTERNACK-PE1V11006 Datasheet
661Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 50 MHz
PE1V11007 PASTERNACK-PE1V11007 Datasheet
660Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 60 MHz
PE1V12000 PASTERNACK-PE1V12000 Datasheet
671Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 130 MHz
PE1V11001 PASTERNACK-PE1V11001 Datasheet
655Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 18 MHz
PE1V11000 PASTERNACK-PE1V11000 Datasheet
656Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 10 MHz
PE1V14006 PASTERNACK-PE1V14006 Datasheet
659Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz
PE1V11024 PASTERNACK-PE1V11024 Datasheet
566Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz
PE1V14005 PASTERNACK-PE1V14005 Datasheet
558Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz
PE1V14002 PASTERNACK-PE1V14002 Datasheet
662Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.57 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com