Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5506 Datasheet(PDF) 6 Page - GOOD-ARK Electronics

Part # SSF5506
Description  55V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF5506 Datasheet(HTML) 6 Page - GOOD-ARK Electronics

  SSF5506_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF5506_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF5506_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF5506_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF5506_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF5506_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF5506_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF5506
55V N-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
4.400
4.550
4.700
0.173
0.179
0.185
A1
1.270
1.300
1.330
0.050
0.051
0.052
A2
2.590
2.690
2.790
0.102
0.106
0.110
b
0.770
-
0.900
0.030
-
0.035
b2
1.230
-
1.360
0.048
-
0.054
c
0.480
0.500
0.520
0.019
0.020
0.020
D
15.100
15.400
15.700
-
0.606
-
D1
9.000
9.100
9.200
0.354
0.358
0.362
DEP
0.050
0.285
0.520
0.002
0.011
0.020
E
10.060
10.160
10.260
0.396
0.400
0.404
E1
-
8.700
-
-
0.343
-
ФP 1
1.400
1.500
1.600
0.055
0.059
0.063
e
e1
H 1
6.100
6.300
6.500
0.240
0.248
0.256
L
12.750
12.960
13.170
0.502
0.510
0.519
L1
-
-
3.950
-
-
0.156
L2
ФP
3.570
3.600
3.630
0.141
0.142
0.143
Q
2.730
2.800
2.870
0.107
0.110
0.113
Q 1
-
0.200
-
-
0.008
-
ϴ1
5
0
7
0
9
0
5
0
7
0
9
0
ϴ2
1
0
3
0
5
0
1
0
3
0
5
0
0.073REF
5.08BSC
0.2BSC
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.1BSC
1.85REF
TO220 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF5506_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF5506 SILIKRON-SSF5506 Datasheet
335Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
More results

Similar Description - SSF5506_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
   55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
   55V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
   55V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com