Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V14007 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1V14007
Description  0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.1 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V14007 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1V14007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V14007 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width
0.5 in [12.7 mm]
Height
0.125 in [3.18 mm]
.
Weight
0 lbs [0 g]
Mounting Surface Material and Plating
Copper Clad, Nickel, Gold
Design
Commercial
Package Style
Surface Mount
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202, Method 103, 90% RH, +65 C
Shock
MIL-STD-202, Method 213I
Vibration
MIL-STD-202, Method 204D
Temperature Cycle
MIL-STD-202, Method 107B
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
01/01/1753
Plotted and Other Data
Notes:
PE1V14007 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.1 GHz
to 2.3 GHz With Phase Noise of -101 dBc/Hz PE1V14007
Voltage Control Oscillators Technical Data Sheet
PE1V14007
0.5 inch Commercial Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 2.1 GHz to
2.3 GHz With Phase Noise of -101 dBc/Hz


Similar Part No. - PE1V14007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14007 PASTERNACK-PE1V14007_16 Datasheet
980Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.1 GHz to 2.3 GHz, Phase Noise of -101 dBc/Hz and 0.5 inch Package
More results

Similar Description - PE1V14007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14006 PASTERNACK-PE1V14006 Datasheet
659Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz
PE1V11024 PASTERNACK-PE1V11024 Datasheet
566Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz
PE1V14005 PASTERNACK-PE1V14005 Datasheet
558Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz
PE1V14002 PASTERNACK-PE1V14002 Datasheet
662Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.57 GHz
PE1V14009 PASTERNACK-PE1V14009 Datasheet
651Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz
PE1V14010 PASTERNACK-PE1V14010 Datasheet
610Kb / 7P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.77 GHz
PE1V11019 PASTERNACK-PE1V11019 Datasheet
571Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.35 GHz to 1.65 GHz
PE1V11022 PASTERNACK-PE1V11022 Datasheet
564Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz
PE1V15000 PASTERNACK-PE1V15000 Datasheet
661Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 305 MHz
PE1V13000 PASTERNACK-PE1V13000 Datasheet
489Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com