Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE85N1022 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE85N1022
Description  50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 1 GHz to 18 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1022 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE85N1022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1022 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1022 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1022 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1022 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Connectors
DC Connector
BNC Female
Output Connector
SMA Male
Environmental Specifications
Temperature
Operating Range
-20 to 75 deg C
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
01/01/1753
Plotted and Other Data
Notes:
PE85N1022 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 1 GHz
to 18 GHz PE85N1022
Noise Generators Technical Data Sheet
PE85N1022
50 Ohm BNC Medium Power Noise Source With A Noise
Output ENR Of 15 dB From 1 GHz to 18 GHz


Similar Part No. - PE85N1022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1020 PASTERNACK-PE85N1020 Datasheet
410Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 30 dB From 0.01 MHz to 2 GHz
PE85N1021 PASTERNACK-PE85N1021 Datasheet
412Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 6 GHz
More results

Similar Description - PE85N1022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8500 PASTERNACK-PE8500_13 Datasheet
241Kb / 3P
   50 Ohm BNC Medium Power Noise Source Power Noise Source With A Noise Output ENR Of 15.5 dB From 1 GHz to 2 GHz
PE85N1021 PASTERNACK-PE85N1021 Datasheet
412Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 6 GHz
PE85N1019 PASTERNACK-PE85N1019 Datasheet
410Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 0.01 MHz to 2 GHz
PE8501 PASTERNACK-PE8501_13 Datasheet
207Kb / 3P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15.5 dB From 2 GHz to 4 GHz
PE8504 PASTERNACK-PE8504_13 Datasheet
208Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 12 GHz to 18 GHz
PE85N1006 PASTERNACK-PE85N1006 Datasheet
405Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 18 GHz
PE85N1020 PASTERNACK-PE85N1020 Datasheet
410Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 30 dB From 0.01 MHz to 2 GHz
PE85N1007 PASTERNACK-PE85N1007 Datasheet
405Kb / 6P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 17 dB From 10 MHz to 26 GHz
PE8502 PASTERNACK-PE8502_13 Datasheet
207Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 4 GHz to 8 GHz
PE8503 PASTERNACK-PE8503_13 Datasheet
208Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 8 GHz to 12 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com