Selected language     English  â–Ľ


F-169XP Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-169XP
Description  PC Mount: Dual Primary
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
PC Mount: Single Primary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
2
3
4
5
6
7
8
E
E
E
F
1
G
3 4 5
2
6
7
8
3
4
5
1
C
A
D
B
F-169XP
Electrical Specifications (@25C)
1. Maximum Power: 7.5 VA
2. Primary: 115V 50/60 Hz
3. Secondary No 1:
32.0V CT @ 0.100 Amps
Secondary No 2:
15.0V CT @ 0.287 Amps
Description:
The F-169XP is part of a wide selection of plug-in types that meet the needs of PC
boards and solid state power supply design. This transformer can satisfy power as
well as control and instrumentation applications.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130Âş C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings.
Dimensions:
Units: In inches
A
B
C
D
E
F
G
1.625
2.812
1.468
1.953
.250
1.312
2.375
Mounting holes: 0.187 in.
Pin length:
0.187 in.
Pin size: 0.20 x .041 in.
Weight:
10.5 oz
Schematic:
Primary:
1 to 2
Secondary No.1:
3 to 5
Secondary No.2:
6 to 8
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl