Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-3056N Datasheet(PDF) 2 Page - ON Semiconductor

Part # TCP-3056N
Description  5.6 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3056N Datasheet(HTML) 2 Page - ON Semiconductor

  TCP-3056N Datasheet HTML 1Page - ON Semiconductor TCP-3056N Datasheet HTML 2Page - ON Semiconductor TCP-3056N Datasheet HTML 3Page - ON Semiconductor TCP-3056N Datasheet HTML 4Page - ON Semiconductor TCP-3056N Datasheet HTML 5Page - ON Semiconductor TCP-3056N Datasheet HTML 6Page - ON Semiconductor TCP-3056N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCP−3056N
http://onsemi.com
2
TYPICAL SPECIFICATIONS
Representative Performance Data at 25
5C
Table 1. PERFORMANCE DATA
Parameter
Min
Typ
Max
Units
Operating Bias Voltage
2.0
20
V
Capacitance (Vbias = 2 V)
4.82
5.60
6.16
pF
Capacitance (Vbias = 20 V)
1.52
1.60
1.68
pF
Tuning Range (2 V - 20 V)
3.00
3.50
4.05
Tuning Range (20 V - 2 V)
2.80
3.30
4.05
Leakage Current (WLCSP)
4.0
mA
Operating Frequency
700
2400
MHz
Quality Factor @ 700 MHz, 10 V
100
Quality Factor @ 2.4 GHz, 10 V
65
IP3 (Vbias = 2 V) [1,3]
70
dBm
IP3 (Vbias = 20 V) [1,3]
85
dBm
2nd Harmonic (Vbias = 2 V) [2,3]
−70
dBm
2nd Harmonic (Vbias = 20 V) [2,3]
−80
dBm
3rd Harmonic (Vbias = 2 V) [2,3]
−40
dBm
3rd Harmonic (Vbias = 20 V) [2,3]
−70
dBm
Transition Time (Cmin
³ Cmax) [4]
80
ms
Transition Time (Cmax
³ Cmin) [4]
70
ms
1. f1 = 850 MHz, f2 = 860 MHz, Pin 25 dBm/Tone
2. 850 MHz, Pin +34 dBm
3. IP3 and Harmonics are measured in the shunt configuration in a 50
W environment
4. RF1 and RF2 are both connected to DC ground


Similar Part No. - TCP-3056N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3056H ONSEMI-TCP-3056H Datasheet
354Kb / 9P
   5.6 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
More results

Similar Description - TCP-3056N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3156H ONSEMI-TCP-3156H Datasheet
217Kb / 7P
   5.6 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-4156UB ONSEMI-TCP-4156UB Datasheet
240Kb / 7P
   5.6 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3056H ONSEMI-TCP-3056H Datasheet
354Kb / 9P
   5.6 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-5056UB ONSEMI-TCP-5056UB Datasheet
229Kb / 7P
   5.6 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com