Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V20120S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V20120S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V20120S Datasheet(HTML) 1 Page - Vishay Siliconix

  V20120S_15 Datasheet HTML 1Page - Vishay Siliconix V20120S_15 Datasheet HTML 2Page - Vishay Siliconix V20120S_15 Datasheet HTML 3Page - Vishay Siliconix V20120S_15 Datasheet HTML 4Page - Vishay Siliconix V20120S_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V20120S, VI20120S
www.vishay.com
Vishay General Semiconductor
Revision: 25-Oct-13
1
Document Number: 89243
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.50 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C max. 10 s,
per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.
MECHANICAL DATA
Case: TO-220AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
120 V
IFSM
200 A
VF at IF = 20 A
0.73 V
TJ max.
150 °C
Package
TO-220AB, TO-262AA
Diode variation
Single die
TO-220AB
1
2
3
1
K
2
3
TO-262AA
TMBS
®
V20120S
VI20120S
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
CASE
PIN 3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20120S
VI20120S
UNIT
Maximum repetitive peak reverse voltage
VRRM
120
V
Maximum average forward rectified current (fig. 1)
IF(AV)
20
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - V20120S_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20120S VISHAY-V20120S_11 Datasheet
129Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120S VISHAY-V20120S_12 Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
More results

Similar Description - V20120S_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com