Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI20120S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VI20120S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VI20120S Datasheet(HTML) 4 Page - Vishay Siliconix

  VI20120S Datasheet HTML 1Page - Vishay Siliconix VI20120S Datasheet HTML 2Page - Vishay Siliconix VI20120S Datasheet HTML 3Page - Vishay Siliconix VI20120S Datasheet HTML 4Page - Vishay Siliconix VI20120S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V20120S, VI20120S
www.vishay.com
Vishay General Semiconductor
Revision: 25-Oct-13
4
Document Number: 89243
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
TO-262AA
0.401 (10.19)
0.381 (9.68)
0.185 (4.70)
0.175 (4.44)
0.055 (1.40)
0.045 (1.14)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
K
12
3
0.055 (1.40)
0.047 (1.19)
0.510 (12.95)
0.470 (11.94)
PIN
0.411 (10.45) MAX.
0.250 (6.35) MIN.
30° (TYP.)
(REF.)
0.035 (0.90)
0.028 (0.70)
0.205 (5.20)
0.195 (4.95)
0.104 (2.65)
0.096 (2.45)
0.057 (1.45)
0.045 (1.14)
0.160 (4.06)
0.140 (3.56)
0.950 (24.13)
0.920 (23.37)


Similar Part No. - VI20120S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VI20120S VISHAY-VI20120S Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 19-May-08
VI20120S VISHAY-VI20120S Datasheet
129Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VI20120S VISHAY-VI20120S Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
VI20120S VISHAY-VI20120S Datasheet
141Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VI20120S-E3 VISHAY-VI20120S-E3 Datasheet
161Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 11-Sep-13
More results

Similar Description - VI20120S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com