Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-FA40SA50LC Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VS-FA40SA50LC
Description  Power MOSFET, 40 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-FA40SA50LC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VS-FA40SA50LC_15 Datasheet HTML 2Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 3Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 4Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 5Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 6Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 7Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 8Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 9Page - Vishay Siliconix VS-FA40SA50LC_15 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 02-Aug-12
1
Document Number: 95423
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOT-227 Generation II
DIMENSIONS in millimeters (inches)
Note
• Controlling dimension: millimeter
38.30 (1.508)
37.80 (1.488)
-A-
12.50 (0.492)
13.00 (0.512)
7.45 (0.293)
7.60 (0.299)
Ø 4.10 (0.161)
Ø 4.30 (0.169)
30.50 (1.200)
29.80 (1.173)
31.50 (1.240)
32.10 (1.264)
14.90 (0.587)
15.20 (0.598)
6.25 (0.246)
6.50 (0.256)
25.70 (1.012)
24.70 (0.972)
2.10 (0.083)
2.20 (0.087)
-B-
R full
2.20 (0.087)
1.90 (0.075)
8.30 (0.327)
7.70 (0.303)
4 x
4.10 (0.161)
4.50 (0.177)
-C-
0.13 (0.005)
12.30 (0.484)
11.70 (0.460)
25.00 (0.984)
25.50 (1.004)
M
M
M
0.25 (0.010)
CA
B
4 x M4 nuts


Similar Part No. - VS-FA40SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2023
More results

Similar Description - VS-FA40SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
   Power MOSFET, 40 A
Revision: 01-Jun-16
FC40SA50FKP VISHAY-FC40SA50FKP Datasheet
194Kb / 10P
   Power MOSFET, 40 A
Revision: 12-May-10
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2023
logo
ON Semiconductor
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
   Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
   Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com