Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-FA72SA50LC Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VS-FA72SA50LC
Description  Power MOSFET, 72 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-FA72SA50LC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VS-FA72SA50LC_15 Datasheet HTML 2Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 3Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 4Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 5Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 6Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 7Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 8Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 9Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 02-Aug-12
1
Document Number: 95423
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOT-227 Generation II
DIMENSIONS in millimeters (inches)
Note
• Controlling dimension: millimeter
38.30 (1.508)
37.80 (1.488)
-A-
12.50 (0.492)
13.00 (0.512)
7.45 (0.293)
7.60 (0.299)
Ø 4.10 (0.161)
Ø 4.30 (0.169)
30.50 (1.200)
29.80 (1.173)
31.50 (1.240)
32.10 (1.264)
14.90 (0.587)
15.20 (0.598)
6.25 (0.246)
6.50 (0.256)
25.70 (1.012)
24.70 (0.972)
2.10 (0.083)
2.20 (0.087)
-B-
R full
2.20 (0.087)
1.90 (0.075)
8.30 (0.327)
7.70 (0.303)
4 x
4.10 (0.161)
4.50 (0.177)
-C-
0.13 (0.005)
12.30 (0.484)
11.70 (0.460)
25.00 (0.984)
25.50 (1.004)
M
M
M
0.25 (0.010)
CA
B
4 x M4 nuts


Similar Part No. - VS-FA72SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_V01 Datasheet
236Kb / 10P
   Power MOSFET, 72 A
01-Jan-2022
More results

Similar Description - VS-FA72SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC Datasheet
332Kb / 10P
   Power MOSFET, 72 A
Revision: 13-Aug-13
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_V01 Datasheet
236Kb / 10P
   Power MOSFET, 72 A
01-Jan-2022
logo
ON Semiconductor
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTTFS080N10G ONSEMI-NTTFS080N10G Datasheet
203Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL 100 V, 72 m, 16 A
July, 2021 ??Rev. 0
NVB072N65S3 ONSEMI-NVB072N65S3 Datasheet
227Kb / 8P
   MOSFET - Power, N-Channel, Automotive SUPERFET III, Easy-Drive 650 V, 72 m, 44 A
September, 2021 ??Rev. 5
logo
STMicroelectronics
STW75N60M6-4 STMICROELECTRONICS-STW75N60M6-4 Datasheet
513Kb / 12P
   N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO247-4 package
DS12411 - Rev 2 - December 2018
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
   Automotive N-channel 650 V, 33 m廓 typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STW75N60M6 STMICROELECTRONICS-STW75N60M6 Datasheet
539Kb / 13P
   N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO‑247 package
DS12410 - Rev 2 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com