Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVCO55CC-1690-1750 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CVCO55CC-1690-1750
Description  Coaxial Resonator Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVCO55CC-1690-1750 Datasheet(HTML) 1 Page - Crystek Corporation

  CVCO55CC-1690-1750 Datasheet HTML 1Page - Crystek Corporation CVCO55CC-1690-1750 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIN
TYP
UNITS
MAX
PERFORMANCE SPECIFICATION
MHz pk-pk
Lower Frequency:
Upper Frequency:
Tuning Voltage:
Supply Voltage:
Output Power:
Supply Current:
Harmonic Suppression (2
nd Harmonic):
Pushing:
Pulling, all Phases:
Tuning Sensitivity:
Input Capacitance:
Storage Temperature Range:
Operating Temperature Range:
Load Impedance:
Phase Noise @ 10kHz offset:
MHz
MHz
VDC
VDC
dBm
mA
dBc
MHz/V
MHz/V
dBc/Hz
pF
°C
°C
1690
1750
10.0
1.0
7.6
8.0
8.4
+5.0
35
-10
15
-115
50
22
-40
-45
+85
+90
+8.0
+2.0
2.5
1.5
-5
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Page 1 of 2
Phase Noise (1 Hz BW, Typical)
Tuning Curve (Typical)
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
C
C. Vales
10-Sep-2015
CVCO55CC-1690-1750


Similar Part No. - CVCO55CC-1690-1750

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CVCO55CC-1690-1750 CRYSTEKMICROWAVE-CVCO55CC-1690-1750 Datasheet
108Kb / 2P
   coaxial resonator oscillator-cro
More results

Similar Description - CVCO55CC-1690-1750

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
511071 APITECH-511071 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511055 APITECH-511055 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511053 APITECH-511053 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511069 APITECH-511069 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511067 APITECH-511067 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511062 APITECH-511062 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511061 APITECH-511061 Datasheet
66Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511058 APITECH-511058 Datasheet
61Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
521-900 APITECH-521-900 Datasheet
58Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511-1100 APITECH-511-1100 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511-1200 APITECH-511-1200 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com