Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM17P-2AG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSM17P-2AG
Description  NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSM17P-2AG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSM17P-2AG Datasheet HTML 1Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 2Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 3Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 4Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 5Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 6Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 7Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 8Page - List of Unclassifed Manufacturers TSM17P-2AG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Part Number:
TSM17P-2AG
Supply Voltage:
12-48 VDC
Supply Voltage Type:
DC
Control Modes:
Step & Direction
Encoder Following
Communication Ports:
RS-232
Encoder Feedback:
Yes
Setup Method:
Software setup
Digital Inputs:
4
Digital Outputs:
3
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Status LEDs:
1 red, 1 green
Frame Size:
NEMA 17
Holding Torque:
59 oz-in
Step Angle:
1.8 deg
Rotor Inertia:
8.07E-04 oz-in-sec
Length:
2.95 inches
Weight:
12.7 oz
Operating Temperature
Range:
0-85 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
10 lbs
Maximum Thrust
Load:
Less than 1/2 lbs
Specifications
2


Similar Part No. - TSM17P-2AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM17P-1AG ETC2-TSM17P-1AG Datasheet
263Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-3AG ETC2-TSM17P-3AG Datasheet
256Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
More results

Similar Description - TSM17P-2AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM17P-1AG ETC2-TSM17P-1AG Datasheet
263Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17P-3AG ETC2-TSM17P-3AG Datasheet
256Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-4AG ETC2-TSM23P-4AG Datasheet
257Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-2AG ETC2-TSM23P-2AG Datasheet
256Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23P-3AG ETC2-TSM23P-3AG Datasheet
262Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM17C-3CG ETC2-TSM17C-3CG Datasheet
238Kb / 10P
   NEMA 17 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM17C-1CG ETC2-TSM17C-1CG Datasheet
244Kb / 10P
   NEMA 17 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM17C-2CG ETC2-TSM17C-2CG Datasheet
231Kb / 10P
   NEMA 17 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM17Q-1AG ETC2-TSM17Q-1AG Datasheet
266Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM17Q-1RG ETC2-TSM17Q-1RG Datasheet
247Kb / 10P
   NEMA 17 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com