Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM23C-4CG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSM23C-4CG
Description  NEMA 23 Integrated CANopen StepSERVO??Motor w/ Q Programming
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSM23C-4CG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSM23C-4CG Datasheet HTML 1Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 2Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 3Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 4Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 5Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 6Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 7Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 8Page - List of Unclassifed Manufacturers TSM23C-4CG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Part Number:
TSM23C-4CG
Supply Voltage:
12-70 VDC
Supply Voltage Type:
DC
Control Modes:
Q Programming
CANopen
Communication Ports:
CANopen
Encoder Feedback:
Yes
Setup Method:
Software setup
Digital Inputs:
8
Digital Outputs:
4
Analog Inputs:
1 single-ended
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Status LEDs:
1 red, 1 green
Frame Size:
NEMA 23
Holding Torque:
340 oz-in
Step Angle:
1.8 deg
Rotor Inertia:
6.94E-03 oz-in-sec
Length:
4.75 inches
Weight:
49.4 oz
Operating Temperature
Range:
0-85 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
17 lbs
Maximum Thrust
Load:
2.5 lbs
Specifications
2


Similar Part No. - TSM23C-4CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM23C-2CG ETC2-TSM23C-2CG Datasheet
259Kb / 10P
   NEMA 23 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM23C-3CG ETC2-TSM23C-3CG Datasheet
273Kb / 10P
   NEMA 23 Integrated CANopen StepSERVO??Motor w/ Q Programming
More results

Similar Description - TSM23C-4CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM23C-2CG ETC2-TSM23C-2CG Datasheet
259Kb / 10P
   NEMA 23 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM23C-3CG ETC2-TSM23C-3CG Datasheet
273Kb / 10P
   NEMA 23 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM17C-3CG ETC2-TSM17C-3CG Datasheet
238Kb / 10P
   NEMA 17 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM17C-1CG ETC2-TSM17C-1CG Datasheet
244Kb / 10P
   NEMA 17 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM17C-2CG ETC2-TSM17C-2CG Datasheet
231Kb / 10P
   NEMA 17 Integrated CANopen StepSERVO??Motor w/ Q Programming
TSM23Q-2AG ETC2-TSM23Q-2AG Datasheet
259Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-4RG ETC2-TSM23Q-4RG Datasheet
256Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-4AG ETC2-TSM23Q-4AG Datasheet
260Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-3AG ETC2-TSM23Q-3AG Datasheet
260Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TSM23Q-2RG ETC2-TSM23Q-2RG Datasheet
255Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com