Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXM24S-3EG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TXM24S-3EG
Description  IP65 Rated NEMA 24 Integrated StepSERVO??Motor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM24S-3EG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TXM24S-3EG Datasheet HTML 1Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 2Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM24S-3EG Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
The TXM24S-3EG integrated StepSERVO™ is a drive+motor unit, fusing a NEMA 24 step motor and a servo drive
into a single device. Power to the drive, located at the rear of the motor, must be supplied by an external DC
supply. See Related and Recommended Products below for compatible 24 and 48 volt DC power supplies .
StepSERVO technology combines the high torque capabilities of a step motor with the closed loop dynamic control
of a servo system. The result is a highly customizable all-in-one motion control solution that operates quietly and
efficiently, requiring only the minimum amount of current to maintain commanded position and velocity. Boost
torque of 25-50% higher than the rated holding torque that is available from this integrated StepSERVO motor
increases the limits of acceleration, leading to faster cycle times. With software selectable servo loops that have
been pre-tuned for various inertial loads, the TXM StepSERVO can be applied in systems where a traditional
stepper would not be capable of achieving the high accuracy required.
The TXM24S-3EG integrated StepSERVO motor features streaming command capability for dynamic system
configuration and host communication. All drive+motor features can be accessed over Ethernet, including more
than 100 commands and 130 registers for controlling motion, I/O, configuration, polling, math, and register
manipulation. This integrated step servo can be operated in several different control modes, including Streaming
Command mode using either SCL, Pulse & Direction mode, and Velocity mode. All TXM24 units are setup,
configured and tuned using Applied Motion’s Step-Servo Quick Tuner software.
Each TXM24 integrated StepSERVO comes with 3 digital inputs, 1 digital output, and 1 analog input. The digital
inputs accept signals of 5-24 VDC and can be used for connecting pulse & direction signals, end-of-travel limit
switches, jog switches, quadrature encoder signals, PLC outputs, sensors, or many other signal types. The digital
output can be connected to PLC inputs, counters, lights, relays, or other devices. The analog input accepts 0-5
VDC signals and can be used for velocity and position control.
The TXM24S-3EG comes with a fast 10/100 MBit Ethernet port for programming and communications via TCP and
UDP protocols for sending commands from Applied Motion’s proprietary serial command language (SCL).
All TXM24 models are CE approved and RoHS compliant. The TXM motors also meet IP65 standards to ensure
reliable operation in wet and dusty installation environments.
What’s in the Box?
TXM24S-3EG integrated motor
Quick Setup Guide (also available in Downloads)
NOT included:
DC power supply (required), see Power Supplies below
Mating cables (required), see Accessories below
Regen clamp (optional), see Accessories below
Additional accessories available below
Description


Similar Part No. - TXM24S-3EG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM24S-3AG ETC2-TXM24S-3AG Datasheet
315Kb / 8P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-3RG ETC2-TXM24S-3RG Datasheet
295Kb / 8P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
More results

Similar Description - TXM24S-3EG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM24S-3RG ETC2-TXM24S-3RG Datasheet
295Kb / 8P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-1AG ETC2-TXM24S-1AG Datasheet
365Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-1RG ETC2-TXM24S-1RG Datasheet
361Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-3AG ETC2-TXM24S-3AG Datasheet
315Kb / 8P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24C-1CG ETC2-TXM24C-1CG Datasheet
394Kb / 9P
   IP65 Rated NEMA 24 Integrated CANopen StepSERVO??Motor
TXM24C-3CG ETC2-TXM24C-3CG Datasheet
311Kb / 8P
   IP65 Rated NEMA 24 Integrated CANopen StepSERVO??Motor
TXM24IP-3EG ETC2-TXM24IP-3EG Datasheet
320Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ EtherNet/IP
TXM24Q-1EG ETC2-TXM24Q-1EG Datasheet
392Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming
TXM24IP-1EG ETC2-TXM24IP-1EG Datasheet
400Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ EtherNet/IP
TXM24Q-3EG ETC2-TXM24Q-3EG Datasheet
319Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com