Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSAFX40N30A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSAFX40N30A
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAFX40N30A Datasheet(HTML) 1 Page - Microsemi Corporation

  MSAFX40N30A Datasheet HTML 1Page - Microsemi Corporation MSAFX40N30A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSAFX40N30A
300 Volts
40 Amps
85 m
Features
• Ultrafast body diode
• Rugged polysilicon gate cell structure
• Increased Unclamped Inductive Switching (UIS) capability
• Hermetically sealed, surface mount power package
• Low package inductance
Very low thermal resistance
Reverse polarity available upon request
DESCRIPTION
SYMBOL
MAX.
UNIT
Drain-to-Source Breakdown Voltage (Gate Shorted to Source)
@ TJ
≥ 25°C
BVDSS
300
Volts
Drain-to-Gate Breakdown Voltage @ TJ
≥ 25°C, RGS= 1 MΩ
BVDGR
300
Volts
Continuous Gate-to-Source Voltage
VGS
+/-20
Volts
Transient Gate-to-Source Voltage
VGSM
+/-30
Volts
Continuous Drain Current
Tj= 25
°C
Tj=
100
°C
ID25
ID100
40
30
Amps
Peak Drain Current, pulse width limited by TJmax
IDM
160
Amps
Repetitive Avalanche Current
IAR
40
Amps
Repetitive Avalanche Energy
EAR
30
mJ
Single Pulse Avalanche Energy
EAS
tbd
mJ
Voltage Rate of Change of the Recovery Diode
@ IS
≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS, TJ ≤ 150°C
dv/dt
5.0
V/ns
Power Dissipation
PD
300
Watts
Junction Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Continuous Source Current (Body Diode)
IS
40
Amps
Pulse Source Current (Body Diode)
ISM
160
Amps
Thermal Resistance, Junction to Case
θ
JC
0.25
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0304A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DRAIN
SOURCE
GATE


Similar Part No. - MSAFX40N30A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFX10N90A MICROSEMI-MSAFX10N90A Datasheet
52Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAFX11P50A MICROSEMI-MSAFX11P50A Datasheet
49Kb / 2P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAFX20N60A MICROSEMI-MSAFX20N60A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAFX24N50A MICROSEMI-MSAFX24N50A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
MSAFX50N20A MICROSEMI-MSAFX50N20A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - MSAFX40N30A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com