Selected language     English  â–Ľ


F-28U_13 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-28U_13
Description  Chassis Mount: Single Secondary
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Single Secondary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: May 11, 2015
BLK
4 SLOTS.
E
MT G-SL OT S 1 3/ 64 X 5/1 6"
F
B
A
G
D
BLK/ RED
BLK/ WHT
4
6
5
BLK/RED
BLK
4
6
5
BLK/WHT
F-28U
Electrical Specifications (@25C)
1. Maximum Power: 187.5 VA
2. Primary: 115V 50/60 Hz
3. Secondary: 6.3VCT or 7.5VCT @ 25.0 Amps*
4. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-28U is part of a series which has a long history of reliable service in the field,
made from a proven design and constructed with UL recognized materials.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130Âş C) rated.
Safety:
These products are 100% hipot tested with an insulation of 3000V between
primary and secondary windings as well as between the primary / secondary
windings and the core.
Dimensions:
Units: In inches
A
B
C
D
E
F
4.625
3.812
3.625
3.00
3.062
2.00
Lead length:
7.0 inches + 1 inch
Weight:
7.0 lbs
Schematic:
Primary:
For 6.3VCT output, connect input to BLK to BLK/RED
For 7.5VCT output, connect input to BLK to BLK/WHT
Secondary: 4 to 6
* Tapped primary to produce lower voltages
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl