Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3TC0102 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3TC0102
Description  PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz ,RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0102 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3TC0102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3TC0102
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3TC0102-12 = 12 inches long cable
PE3TC0102-100cm = 100 cm long cable
PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz ,RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz ,RoHS
PE3TC0102
URL: http://www.pasternack.com/sma-male-sma-female-.80-cable-assembly-pe3tc0102-p.aspx
PE3TC0102 REV 1.0
RF Cable Assemblies Technical Data Sheet
PE-TC195 Series Phase Stable Test Cable SMA
Male to SMA Female to 18 GHz ,RoHS
PE3TC0102


Similar Part No. - PE3TC0102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0102-24 PASTERNACK-PE3TC0102-24 Datasheet
676Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3TC0102-48 PASTERNACK-PE3TC0102-48 Datasheet
676Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3TC0102-72 PASTERNACK-PE3TC0102-72 Datasheet
676Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0101 PASTERNACK-PE3TC0101 Datasheet
641Kb / 5P
   PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Male to 18 GHz ,RoHS
PE3TC0202 PASTERNACK-PE3TC0202 Datasheet
661Kb / 5P
   PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 27 GHz ,RoHS
PE3TC0201 PASTERNACK-PE3TC0201 Datasheet
660Kb / 5P
   PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Male to 27 GHz ,RoHS
PE3TC0105 PASTERNACK-PE3TC0105 Datasheet
660Kb / 5P
   PE-TC195 Series Phase Stable Test Cable SMA Male to N Male to 18 GHz ,RoHS
PE3TC0301 PASTERNACK-PE3TC0301 Datasheet
682Kb / 5P
   PE-TC151 Series Phase Stable Test Cable SMA Male to SMA Male to 18 GHz ,RoHS
PE3TC0104 PASTERNACK-PE3TC0104 Datasheet
684Kb / 5P
   PE-TC195 Series Phase Stable Test Cable N Male to N Female to 18 GHz ,RoHS
PE3TC0401 PASTERNACK-PE3TC0401 Datasheet
644Kb / 5P
   PE-TC151 Series Phase Stable Test Cable SMA Male to SMA Male to 27 GHz ,RoHS
PE3TC0103 PASTERNACK-PE3TC0103 Datasheet
664Kb / 5P
   PE-TC195 Series Phase Stable Test Cable N Male to N Male to 18 GHz ,RoHS
PE3TC0303 PASTERNACK-PE3TC0303 Datasheet
669Kb / 5P
   PE-TC151 Series Phase Stable Test Cable SMA Male to N Male to 18 GHz ,RoHS
PE3VNA1801 PASTERNACK-PE3VNA1801 Datasheet
446Kb / 5P
   VNA Ruggedized Test Cable SMA Male to SMA Male 18 GHz, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com