Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # 1N4448
Description  Small-Signal Diode - Fast Switching Rectifier Reverse Voltage 100V Forward Current 150mA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4448 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  1N4448_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 3Page - GOOD-ARK Electronics 1N4448_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
390
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
(T
A = 25
oC unless otherwise noted)


Similar Part No. - 1N4448_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1N4448 WINNERJOIN-1N4448_15 Datasheet
133Kb / 3P
   High-speed switching diode
logo
Vishay Siliconix
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
More results

Similar Description - 1N4448_15

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
AiT Semiconductor Inc.
1N4148WS AITSEMI-1N4148WS Datasheet
386Kb / 5P
   FAST SWITCHING DIODE FORWARD VOLTAGE 1.25V CURRENT 150mA RECOVERY 4ns
REV1.0
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
logo
Surge Components
SGC051BS SURGE-SGC051BS Datasheet
162Kb / 3P
   Reverse Voltage 100V Forward Current 5A
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
   Reverse Voltage 100V Forward Current 10A
logo
Rugao Dachang Electroni...
RU2YX DACHANG-RU2YX Datasheet
117Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100V Forward Current 1.5 A
logo
AiT Semiconductor Inc.
BAS16L AITSEMI-BAS16L Datasheet
581Kb / 7P
   SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA
REV1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com