Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6196 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE71S6196
Description  SP6T Electromechanical Relay Switch DC to 10 GHz, N,160 Watts, 12V Control with Indicators, Normally Open, TTL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6196 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE71S6196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6196 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6196 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6196 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6196 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6196 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PE71S6196 CAD Drawing
SP6T Electromechanical Relay Switch DC to 10 GHz, N, 160 Watts,
12V Control with Indicators, Normally Open, TTL
PE71S6196 REV 1.0


Similar Part No. - PE71S6196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6190 PASTERNACK-PE71S6190 Datasheet
412Kb / 4P
   SP4T Switch
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
   SP4T Switch
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
More results

Similar Description - PE71S6196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6195 PASTERNACK-PE71S6195 Datasheet
769Kb / 6P
   SP6T Electromechanical Relay Switch DC to 10 GHz, N, 160 Watts, 28V Control with Normally Open
PE71S6148 PASTERNACK-PE71S6148 Datasheet
458Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching, Indicators, TTL
PE71S6311 PASTERNACK-PE71S6311 Datasheet
483Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6312 PASTERNACK-PE71S6312 Datasheet
505Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL
PE71S6207 PASTERNACK-PE71S6207 Datasheet
771Kb / 6P
   SP6T Electromechanical Relay Switch DC to 8 GHz, TNC, 60 Watts, 28V Control with Normally Open
PE71S6204 PASTERNACK-PE71S6204 Datasheet
443Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz,TNC, 50 Watts, 12V Control with Indicators, TTL
PE71S6303 PASTERNACK-PE71S6303 Datasheet
482Kb / 6P
   SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL
PE71S6309 PASTERNACK-PE71S6309 Datasheet
459Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
   SP6T Electromechanical Relay Normally Open Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com