Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V30120S-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V30120S-E3
Description  High Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V30120S-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  V30120S-E3_15 Datasheet HTML 1Page - Vishay Siliconix V30120S-E3_15 Datasheet HTML 2Page - Vishay Siliconix V30120S-E3_15 Datasheet HTML 3Page - Vishay Siliconix V30120S-E3_15 Datasheet HTML 4Page - Vishay Siliconix V30120S-E3_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V30120S-E3, VF30120S-E3, VB30120S-E3, VI30120S-E3
www.vishay.com
Vishay General Semiconductor
Revision: 05-Nov-13
2
Document Number: 88974
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode (1)
IF = 5 A
TA = 25 °C
VF
0.50
-
V
IF = 15 A
0.70
-
IF = 30 A
0.99
1.10
IF = 5 A
TA = 125 °C
0.43
-
IF = 15 A
0.60
-
IF = 30 A
0.74
0.82
Reverse current per diode (2)
VR = 90 V
TA = 25 °C
IR
18
-
μA
TA = 125 °C
12
-
mA
VR = 120 V
TA = 25 °C
-
500
μA
TA = 125 °C
22
35
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30120S
VF30120S
VB30120S
VI30120S
UNIT
Typical thermal resistance per diode
RJC
1.6
4.0
1.6
1.6
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V30120S-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VF30120S-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VB30120S-E3/4W
1.39
4W
50/tube
Tube
TO-263AB
VB30120S-E3/8W
1.39
8W
800/reel
Tape and reel
TO-262AA
VI30120S-E3/4W
1.46
4W
50/tube
Tube
Case Temperature (°C)
40
35
25
15
5
0
0
25
50
75
100
125
150
175
VF30120S
V(B,I)30120S
Resistive or Inductive Load
Mounted on Specific Heatsink
30
20
10
0
10
20
30
0
5
10
25
35
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
20
5
15
25
15
30
D = t
p/T
t
p
T


Similar Part No. - V30120S-E3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30120S-E3-4W VISHAY-V30120S-E3-4W_13 Datasheet
161Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30120S-E3/45 VISHAY-V30120S-E3/45 Datasheet
136Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 05-Nov-13
V30120S-E3/4W VISHAY-V30120S-E3/4W Datasheet
165Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 19-May-08
V30120S-E3/4W VISHAY-V30120S-E3/4W Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30120S-E3/4W VISHAY-V30120S-E3/4W Datasheet
161Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - V30120S-E3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com