Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1012G-SPA Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SD1012G-SPA
Description  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1012G-SPA Datasheet(HTML) 4 Page - ON Semiconductor

  2SD1012G-SPA Datasheet HTML 1Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 2Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 3Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 4Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 5Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 6Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 7Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 8Page - ON Semiconductor 2SD1012G-SPA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SD1012
No.0676-4/10
ICC -- PO
Output Power, PO -- mW
f response
PO -- VIN
Input Voltage, VIN -- mV
Frequency, f -- Hz
THD -- PO
Output Power, PO -- mW
PO -- VCC
Supply Voltage, VCC -- V
--12
--10
--8
--2
--4
--6
0
2
4
100
77
5
3
1k
25
37
25
37
25
3
10k
100k
ITR08393
10
5
7
3
2
100
5
3
2
100
10
57
23
57
32
3
ITR08394
VCC=3V
RL=8Ω
0dB : 44.7dB / 1kHz
VCC=3V
RL=8Ω
f=1kHz
10
5
7
3
2
100
5
3
2
1.8
2.2
1.4
3.0
3.4
3.8
2.6
ITR08395
RL=8Ω
THD=10%
f=1kHz
10
5
7
3
100
5
7
3
2
3
2
1.0
10
57
2
5
7
2
3
ITR08391
10
1.0
5
7
3
2
100
5
7
3
2
10
100
25
7
3
57
32
3
ITR08392
VCC=3V
RL=8Ω
f=1kHz
VCC=3V
RL=8Ω
f=1kHz


Similar Part No. - 2SD1012G-SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1012 SANYO-2SD1012 Datasheet
115Kb / 4P
   Low-Voltage Large-Current Amp Applications
More results

Similar Description - 2SD1012G-SPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com