Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5151HGD16 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5151HGD16
Description  CPU 4?묪it Nonsynchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151HGD16 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5151HGD16 Datasheet HTML 1Page - ON Semiconductor CS5151HGD16 Datasheet HTML 2Page - ON Semiconductor CS5151HGD16 Datasheet HTML 3Page - ON Semiconductor CS5151HGD16 Datasheet HTML 4Page - ON Semiconductor CS5151HGD16 Datasheet HTML 5Page - ON Semiconductor CS5151HGD16 Datasheet HTML 6Page - ON Semiconductor CS5151HGD16 Datasheet HTML 7Page - ON Semiconductor CS5151HGD16 Datasheet HTML 8Page - ON Semiconductor CS5151HGD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS5151H
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < +70°C; 0°C < TJ < +125°C; 8.0 V < VCC1 < 14 V;
5.0 V < VCC2 < 20 V; DAC Code: VID2 = VID1 = VID0 =1; VID3 = 0; CVGATE(L) and CVGATE(H) = 1.0 nF; COFF = 330 pF; CSS = 0.1 μF, unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VGATE
Out SOURCE Sat at 100 mA
Measure VCC2 − VGATE
1.2
2.0
V
Out SINK Sat at 100 mA
Measure VGATE − VPGND
1.0
1.5
V
Out Rise Time
1.0 V < VGATE < 9.0 V; VCC1 = VCC2 = 12 V
30
50
ns
Out Fall Time
9.0 V > VGATE > 1.0 V; VCC1 = VCC2 = 12 V
30
50
ns
Shoot−Through Current
Note 3
50
mA
VGATE Resistance
Resistor to LGND. Note 3
20
50
100
VGATE Schottky
LGND to VGATE @ 10 mA
600
800
mV
Soft Start (SS)
Charge Time
1.6
3.3
5.0
ms
Pulse Period
25
100
200
ms
Duty Cycle
(Charge Time /Pulse Period) × 100
1.0
3.3
6.0
%
COMP Clamp Voltage
VFB = 0 V; VSS = 0
0.50
0.95
1.10
V
VFFB SS Fault Disable
VGATE = Low
0.9
1.0
1.1
V
High Threshold
2.5
3.0
V
PWM Comparator
Transient Response
VFFB = 0 to 5.0 V to VGATE = 9.0 V to 1.0 V;
VCC1 = VCC2 = 12 V
100
125
ns
VFFB Bias Current
VFFB = 0 V
0.3
μA
Supply Current
ICC1
No Switching
8.5
13.5
mA
ICC2
No Switching
1.6
3.0
mA
Operating ICC1
VFB = COMP = VFFB
8.0
13
mA
Operating ICC2
VFB = COMP = VFFB
2.0
5.0
mA
COFF
Normal Charge Time
VFFB = 1.5 V; VSS = 5.0 V
1.0
1.6
2.2
μs
Extension Charge Time
VSS = VFFB = 0
5.0
8.0
11.0
μs
Discharge Current
COFF to 5.0 V; VFB > 1.0 V
5.0
mA
Time Out Timer
Time Out Time
VFB = VCOMP; VFFB = 2.0 V;
Record VGATE Pulse High Duration
10
30
65
μs
Fault Mode Duty Cycle
VFFB = 0V
35
50
70
%
3. Guaranteed by design, not 100% tested in production.


Similar Part No. - CS5151HGD16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
   CPU 4-Bit Nonsynchronous Buck Controller
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5151GD16 CHERRY-CS5151GD16 Datasheet
307Kb / 14P
   CPU 4-Bit Nonsynchronous Buck Controller
logo
ON Semiconductor
CS5151GD16 ONSEMI-CS5151GD16 Datasheet
572Kb / 17P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5151GDR16 CHERRY-CS5151GDR16 Datasheet
307Kb / 14P
   CPU 4-Bit Nonsynchronous Buck Controller
More results

Similar Description - CS5151HGD16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5151 ONSEMI-CS5151 Datasheet
572Kb / 17P
   CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
   CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
   CPU 4-Bit Nonsynchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5150H ONSEMI-CS5150H Datasheet
623Kb / 17P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
   CPU 5-Bit Nonsynchronous Buck Controller
logo
ON Semiconductor
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com