Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75056PE Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC75056PE
Description  Car Audio DSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75056PE Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC75056PE Datasheet HTML 4Page - ON Semiconductor LC75056PE Datasheet HTML 5Page - ON Semiconductor LC75056PE Datasheet HTML 6Page - ON Semiconductor LC75056PE Datasheet HTML 7Page - ON Semiconductor LC75056PE Datasheet HTML 8Page - ON Semiconductor LC75056PE Datasheet HTML 9Page - ON Semiconductor LC75056PE Datasheet HTML 10Page - ON Semiconductor LC75056PE Datasheet HTML 11Page - ON Semiconductor LC75056PE Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LC75056PE
www.onsemi.com
8
Pin functions
No
Pin name
Input/output
Input/output
(RSTB=L)
Functions
1
COAVDD2
Power supply for CODEC analog (3.3V)
2
COAVSS1
Power supply for CODEC analog (GND)
3
COAVDD1
Power supply for CODEC analog (3.3V)
4
VREFAMPO
AO
AO
Reference voltage buffer output pin, used as external reference voltage
5
ADC_VREF
AO
AO
Reference voltage output pin for CODEC ADC
A coupling capacitor is required between this pin and GND.
6
DAC_VREF
AO
AO
Reference voltage output pin for CODEC DAC
A coupling capacitor is required between this pin and GND.
7
MNI3
AI
AI
Analog single-end input pin for monaural3
When this pin is unused, connect it to GND via capacitor.
8
MNI2N
AI
AI
Negative analog input pin for monaural 2 or
Analog single-end input pin for monaural 5.
When this pin is unused, connect it to GND via capacitor.
9
MNI2P
AI
AI
Positive analog input pin for monaural 2 or
Analog single-end input pin for monaural 4.
When this pin is unused, connect it to GND via capacitor.
10
MNI1P
AI
AI
Positive analog input pin for monaural 1
When this pin is unused, connect it to GND via capacitor.
11
MNI1N
AI
AI
Negative analog input pin for monaural 1
When this pin is unused, connect it to GND via capacitor.
12
TEST1
I
I
Test mode setting input pin1. Normally connected to GND
13
TEST2
I
I
Test mode setting input pin2. Normally connected to GND
14
DVSS_3
Power supply for digital (GND)
15
DVDD33
Power supply for digital (3.3V)
16
MODE
I
Select pin for serial communication mode (“0”: I
2C, “1”: SPI)
17
BUSYO
O
O (H)
System busy signal output pin for HOST CPU communication
(High level: the system is busy)
18
SP_DO/SDAS
I/O
I
Data output pin for SPI (slave) communication or
data input/ output pin for IIC (Slave) communication
19
SP_CL/SCLS
I
I
Clock input pin for data transfer for SPI (slave) communication or
data transfer clock input pin for IIC (Slave) communication
20
SP_DI/GPIO_2
I/O
I
Data input pin for SPI (slave) communication or
General-purpose input/output pin2 for Audio DSP
21
SP_SSB/GPIO_3
I/O
I
Enable signal input pin for SPI (slave) communication (Active: low level) or
General-purpose input/output pin3 for audio DSP
22
GPO_1 (ERR)
O
O(L)
General-purpose output pin 1 for integrated DSP (will be designed to correspond to
communication error signal output)
23
PWDB
I
I
Power-down mode setting pin. Normally high level.
24
RSTB
I
I
System reset pin. Make sure to set to low level when turning on power.
25
DSPIO1
I/O
I
Audio DSP general input/output pin 1
26
DVDD_2
Power supply for internal logic (1.5V)
27
DVSS_2
Power supply for digital (GND)
28
DVREF
O
Control output pin for 1.5V level
29
DVDD33
Power supply for digital (3.3V)
30
DSPIO2
I/O
I
Audio DSP general-purpose input/output pin2
31
DSPIO3
I/O
I
Audio DSP general-purpose input/output pin3
32
DSPIO4
I/O
I
Audio DSP general-purpose input/output pin4 or 256fs_clock out pin.
33
IISI1_DATA
I
I
IIS data input pin1
34
IISI1_LRCK
I
I
IIS word clock input pin1
35
IISI1_BCLK
I
I
IIS bit clock input pin1
36
IISI2_DATA
I
I
IIS data input pin2
37
IISI2_LRCK
I
I
IIS word clock input pin2
38
IISI2_BCLK
I
I
IIS bit clock input pin2
39
IISI3_DATA
I
I
IIS data input pin3
40
IISI3_LRCK
I
I
IIS word clock input pin3
41
IISI3_BCLK
I
I
IIS bit clock input pin3
42
IISI4_DATA
I
I
IIS data input pin4
Continued on next page.


Similar Part No. - LC75056PE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
LC75055PE-6158-H ONSEMI-LC75055PE-6158-H Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
More results

Similar Description - LC75056PE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
   Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
   IN-CAR REMOTE AMPLIFIER DSP
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
   In-car remote amplifier DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com