Electronic Components Datasheet Search |
|
SMUN5313DW1T1G Datasheet(PDF) 3 Page - ON Semiconductor |
|
SMUN5313DW1T1G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 10 page MUN5313DW1, SMUN5313DW1, NSBC144EPDXV6, NSBC144EPDP6 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TA =25°C both polarities Q1 (PNP) & Q2 (NPN), unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB =50V, IE =0) ICBO − − 100 nAdc Collector-Emitter Cutoff Current (VCE =50V, IB =0) ICEO − − 500 nAdc Emitter-Base Cutoff Current (VEB = 6.0 V, IC =0) IEBO − − 0.1 mAdc Collector-Base Breakdown Voltage (IC =10 mA, IE =0) V(BR)CBO 50 − − Vdc Collector-Emitter Breakdown Voltage (Note 6) (IC = 2.0 mA, IB =0) V(BR)CEO 50 − − Vdc ON CHARACTERISTICS DC Current Gain (Note 6) (IC = 5.0 mA, VCE =10V) hFE 80 140 − Collector-Emitter Saturation Voltage (Note 6) (IC = 10 mA, IB = 0.3 mA) VCE(sat) − − 0.25 V Input Voltage (Off) (VCE = 5.0 V, IC = 100 mA) (NPN) (VCE = 5.0 V, IC = 100 mA) (PNP) Vi(off) − − 1.2 1.2 − − Vdc Input Voltage (On) (VCE = 0.2 V, IC = 3.0 mA) (NPN) (VCE = 0.2 V, IC = 3.0 mA) (PNP) Vi(on) − − 1.9 2.0 − − Vdc Output Voltage (On) (VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW) VOL − − 0.2 Vdc Output Voltage (Off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) VOH 4.9 − − Vdc Input Resistor R1 32.9 47 61.1 kW Resistor Ratio R1/R2 0.8 1.0 1.2 6. Pulsed Condition: Pulse Width = 300 ms, Duty Cycle ≤ 2%. Figure 1. Derating Curve AMBIENT TEMPERATURE (°C) 125 100 75 50 25 0 −25 −50 0 50 100 150 200 250 300 150 (1) (2) (1) SOT−363; 1.0 × 1.0 Inch Pad (2) SOT−563; Minimum Pad (3) SOT−963; 100 mm2, 1 oz. Copper Trace 350 400 (3) |
Similar Part No. - SMUN5313DW1T1G |
|
Similar Description - SMUN5313DW1T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |