Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVMUN5331DW1T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSVMUN5331DW1T1G
Description  Complementary Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMUN5331DW1T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSVMUN5331DW1T1G Datasheet HTML 1Page - ON Semiconductor NSVMUN5331DW1T1G Datasheet HTML 2Page - ON Semiconductor NSVMUN5331DW1T1G Datasheet HTML 3Page - ON Semiconductor NSVMUN5331DW1T1G Datasheet HTML 4Page - ON Semiconductor NSVMUN5331DW1T1G Datasheet HTML 5Page - ON Semiconductor NSVMUN5331DW1T1G Datasheet HTML 6Page - ON Semiconductor NSVMUN5331DW1T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 1
1
Publication Order Number:
DTC123EP/D
MUN5331DW1,
NSBC123EPDXV6
Complementary Bias
Resistor Transistors
R1 = 2.2 kW, R2 = 2.2 kW
NPN and PNP Transistors with Monolithic
Bias Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base-emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC-Q101 Qualified and PPAP Capable*
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
(TA = 25°C both polarities Q1 (PNP) & Q2 (NPN), unless otherwise noted)
Rating
Symbol
Max
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
12
Vdc
Input Reverse Voltage
VIN(rev)
10
Vdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
ORDERING INFORMATION
Device
Package
Shipping
MUN5331DW1T1G
SOT−363
3,000 / Tape & Reel
NSVMUN5331DW1T1G*
SOT−363
3,000 / Tape & Reel
NSBC123EPDXV6T1G
SOT−563
4,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MARKING DIAGRAMS
PIN CONNECTIONS
31 M
G
G
1
6
31 M
G
G
1
31
= Specific Device Code
M
= Date Code*
G
= Pb-Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending up-
on manufacturing location.
SOT−363
CASE 419B
SOT−563
CASE 463A
Q1
Q2
(1)
(2)
(3)
(6)
(5)
(4)
R1
R2
R2
R1


Similar Part No. - NSVMUN5331DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMUN5332DW1T1G ONSEMI-NSVMUN5332DW1T1G Datasheet
167Kb / 10P
   Complementary Bias Resistor Transistors R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 0
NSVMUN5332DW1T1G ONSEMI-NSVMUN5332DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
NSVMUN5332DW1T1G ONSEMI-NSVMUN5332DW1T1G Datasheet
103Kb / 10P
   Complementary Bias Resistor Transistors
October, 2015 ??Rev. 1
NSVMUN5332DW1T3G ONSEMI-NSVMUN5332DW1T3G Datasheet
103Kb / 10P
   Complementary Bias Resistor Transistors
October, 2015 ??Rev. 1
NSVMUN5333DW1T1G ONSEMI-NSVMUN5333DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
More results

Similar Description - NSVMUN5331DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com