Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVMUN5334DW1T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSVMUN5334DW1T1G
Description  Complementary Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMUN5334DW1T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NSVMUN5334DW1T1G Datasheet HTML 1Page - ON Semiconductor NSVMUN5334DW1T1G Datasheet HTML 2Page - ON Semiconductor NSVMUN5334DW1T1G Datasheet HTML 3Page - ON Semiconductor NSVMUN5334DW1T1G Datasheet HTML 4Page - ON Semiconductor NSVMUN5334DW1T1G Datasheet HTML 5Page - ON Semiconductor NSVMUN5334DW1T1G Datasheet HTML 6Page - ON Semiconductor NSVMUN5334DW1T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MUN5334DW1, NSBC124XPDXV6
http://onsemi.com
5
TYPICAL CHARACTERISTICS − PNP TRANSISTOR
MUN5334DW1, NSBC124XPDXV6
1000
100
10
1
Figure 7. VCE(sat) vs. IC
10
020
30
IC, COLLECTOR CURRENT (mA)
40
50
Figure 8. DC Current Gain
Figure 9. Output Capacitance
010
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 10. Output Current vs. Input Voltage
100
10
1
0.1
0.01
Vin, INPUT VOLTAGE (V)
Figure 11. Input Voltage vs. Output Current
VR, REVERSE VOLTAGE (V)
IC/IB = 10
−55C
150C
25C
f = 10 kHz
IE = 0 A
TA = 25C
VO = 5 V
150C
−55C
25C
VO = 0.2 V
25C
1
0.1
0.01
40
30
0.1
1
100
10
VCE = 10 V
25C
150C
−55C
10
010
20
30
40
50
100
10
1
0.1
150C
−55C
02
4
12
16
22
20
18
9
8
7
6
5
4
3
2
1
0
14
68
10
0.001


Similar Part No. - NSVMUN5334DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMUN5334DW1T1G ONSEMI-NSVMUN5334DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
NSVMUN5334DW1T1G ONSEMI-NSVMUN5334DW1T1G Datasheet
151Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 2
More results

Similar Description - NSVMUN5334DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com