Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVB143ZPDXV6T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSVB143ZPDXV6T1G
Description  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVB143ZPDXV6T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSVB143ZPDXV6T1G Datasheet HTML 1Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 2Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 3Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 4Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 5Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 6Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 7Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 8Page - ON Semiconductor NSVB143ZPDXV6T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MUN5333DW1, NSBC143ZPDXV6, NSBC143ZPDP6
www.onsemi.com
4
TYPICAL CHARACTERISTICS − NPN TRANSISTOR
MUN5333DW1, NSBC143ZPDXV6
−55
°C
150
°C
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 6. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
50
40
30
20
10
0
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
25
°C
1
0.1
0.01
1
10
100
1000
1
10
100
−55
°C
150
°C
25
°C
3.2
25
°C
−55
°C
150
°C
01
4
23
100
10
1
0.1
0.01
0.001
25
°C
−55
°C
150
°C
10
1
0.1
50
40
30
20
10
0
100
10
2.8
2.4
2
1.6
1.2
0.8
0.4
0


Similar Part No. - NSVB143ZPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVB143ZPDXV6T1G ONSEMI-NSVB143ZPDXV6T1G Datasheet
181Kb / 15P
   Dual Bias Resistor Transistors
January, 2012 ??Rev. 7
More results

Similar Description - NSVB143ZPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com